Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC55V4000ST-70 Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TC55V4000ST-70
Descripción Electrónicos  524,288-WORD BY 8-BIT STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55V4000ST-70 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC55V4000ST-70 Datasheet HTML 1Page - Toshiba Semiconductor TC55V4000ST-70 Datasheet HTML 2Page - Toshiba Semiconductor TC55V4000ST-70 Datasheet HTML 3Page - Toshiba Semiconductor TC55V4000ST-70 Datasheet HTML 4Page - Toshiba Semiconductor TC55V4000ST-70 Datasheet HTML 5Page - Toshiba Semiconductor TC55V4000ST-70 Datasheet HTML 6Page - Toshiba Semiconductor TC55V4000ST-70 Datasheet HTML 7Page - Toshiba Semiconductor TC55V4000ST-70 Datasheet HTML 8Page - Toshiba Semiconductor TC55V4000ST-70 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC55V4000ST-70,-85
2001-11-30
5/10
AC CHARACTERISTICS AND OPERATING CONDITIONS
(Ta
==== −−−−40° to 85°C, VDD ==== 2.3 to 3.6 V)
READ CYCLE
TC55V4000ST
-70
-85
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
85
100
tACC
Address Access Time
85
100
tCO
Chip Enable Access Time
85
100
tOE
Output Enable Access Time
45
50
tCOE
Chip Enable Low to Output Active
5
5
tOEE
Output Enable Low to Output Active
0
0
tOD
Chip Enable High to Output High-Z
35
40
tODO
Output Enable High to Output High-Z
35
40
tOH
Output Data Hold Time
10
10
ns
WRITE CYCLE
TC55V4000ST
-70
-85
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
85
100
tWP
Write Pulse Width
55
60
tCW
Chip Enable to End of Write
70
80
tAS
Address Setup Time
0
0
tWR
Write Recovery Time
0
0
tODW
R/W Low to Output High-Z
35
40
tOEW
R/W High to Output Active
0
0
tDS
Data Setup Time
40
40
tDH
Data Hold Time
0
0
ns
AC TEST CONDITIONS
PARAMETER
TEST CONDITION
Output load
30 pF
+ 1 TTL Gate
Input pulse level
VDD − 0.2 V, 0.2 V
Timing measurements
VDD × 0.5
Reference level
VDD × 0.5
tR, tF
5 ns


Número de pieza similar - TC55V4000ST-70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC55V400AFT-55 TOSHIBA-TC55V400AFT-55 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
More results

Descripción similar - TC55V4000ST-70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC55NEM208AFPV TOSHIBA-TC55NEM208AFPV Datasheet
120Kb / 11P
   524,288-WORD BY 8-BIT STATIC RAM
TC55V040AFT-55 TOSHIBA-TC55V040AFT-55 Datasheet
105Kb / 11P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM208ASTN40 TOSHIBA-TC55VCM208ASTN40 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC518512PL-70LV TOSHIBA-TC518512PL-70LV Datasheet
561Kb / 11P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PI TOSHIBA-TC518512PI Datasheet
213Kb / 8P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC51V8512AF TOSHIBA-TC51V8512AF Datasheet
444Kb / 9P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC55V1001FI TOSHIBA-TC55V1001FI Datasheet
557Kb / 13P
   131,072 WORD BY 8 BIT STATIC RAM
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
   262,144-WORD BY 8-BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com