Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS202X Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS202X
Descripción Electrónicos  USB POWER DISTRIBUTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS202X Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS202X Datasheet HTML 6Page - Texas Instruments TPS202X Datasheet HTML 7Page - Texas Instruments TPS202X Datasheet HTML 8Page - Texas Instruments TPS202X Datasheet HTML 9Page - Texas Instruments TPS202X Datasheet HTML 10Page - Texas Instruments TPS202X Datasheet HTML 11Page - Texas Instruments TPS202X Datasheet HTML 12Page - Texas Instruments TPS202X Datasheet HTML 13Page - Texas Instruments TPS202X Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Self-Powered Hub Port Protection Topologies
6
SLVA049
Self-Powered Hub Port Protection Topologies
The self-powered hub power distribution system can be designed with two
distinct topologies for port protection: individual port protection or ganged port
protection. The ganged port protection is the most economical and the least
flexible topology for fault isolation.
The ganged topology uses a common current limit element for two or more ports.
In a ganged solution, more current flows through the current limit device. The
resistance of the current limit device must be low, so as not to exceed the
maximum voltage drop limit under full operating conditions. Fault isolation is
another limitation of a ganged solution. To isolate the fault in a ganged solution,
power will be interrupted to the adjacent port. This may not be desirable in some
USB applications. An individual port protection topology provides a more robust
configuration and a better end-user experience.
The individual port protection is the most flexible topology for fault isolation in the
USB power distribution system. The individual port protection topology uses
current limit elements for each port, making isolating faults with minimal
interruption to the adjacent ports possible.
Ganged Port Protection
When designing a ganged topology a low-resistance switch is needed to
minimize voltage drop in the hub, because current for all downstream ports
passes through the current limit device (see Figure 3). The TPS202x power
switches are low 50-m
Ω devices with current limit and overcurrent response flag
as required in USB self-powered hubs. The current limit level of the devices has
been optimized for ganged two (TPS2022), three (TPS2023), and four
(TPS2024) port protection topologies.
The TPS2022 is ideal for a two-port ganged solution; it is rated for a continuous
current of 1 A and has a current limit of 1.5 A. Using ferrite beads with a resistance
of 10 m
Ω or less, a two-port TPS2022 ganged port solution can be designed with
5.05 V
±3% power supply with up to 88 mΩ of trace resistance on the higher
current path. If more trace resistance is required, use the following equation to
calculate the required source voltage for a tighter tolerance power supply.
V
PS +
4.75
V
) n
0.5
A
R
TRACE )
R
SWITCH )
2
0.5
A
R
BEAD
n
+ number of ports
R
SWITCH +
50
m
W
In a manner similar to the two-port ganged protection solution, a three- or four-
port ganged solution can be designed with the TPS2023 or TPS2024 devices,
respectively. By using the above equation, the right power supply can be
calculated for a specific number of ports, power switches, and trace resistances.
VPS is the minimum voltage of the power supply at full load over the temperature
range and line regulation. The output voltage of the hub must be greater than
4.75 V and no greater than 5.25 V over all legal load conditions on the upstream
side of the connector.


Número de pieza similar - TPS202X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS202X TI-TPS202X Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS202X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
   USB Power-Distribution Switches
logo
First Silicon Co., Ltd
FC9516A FS-FC9516A Datasheet
796Kb / 12P
   USB Power-Distribution Switch
logo
Anpec Electronics Corop...
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
   USB Power-Distribution Switches
logo
First Silicon Co., Ltd
FC9521 FS-FC9521 Datasheet
691Kb / 8P
   USB Power-Distribution Switch
logo
Anpec Electronics Corop...
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
logo
Semtech Corporation
SC5826 SEMTECH-SC5826 Datasheet
151Kb / 8P
   HotSwitch??USB Power Distribution Switch
logo
Anpec Electronics Corop...
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Micrel Semiconductor
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com