Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA2028F Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TA2028F
Descripción Electrónicos  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2028F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA2028F Datasheet HTML 1Page - Toshiba Semiconductor TA2028F Datasheet HTML 2Page - Toshiba Semiconductor TA2028F Datasheet HTML 3Page - Toshiba Semiconductor TA2028F Datasheet HTML 4Page - Toshiba Semiconductor TA2028F Datasheet HTML 5Page - Toshiba Semiconductor TA2028F Datasheet HTML 6Page - Toshiba Semiconductor TA2028F Datasheet HTML 7Page - Toshiba Semiconductor TA2028F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TA2028F / P
2002-10-30
3
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VCC
11
V
TA2028F
350 (*)
Power dissipation
TA2028P
PD
1388 (**)
mW
Operating temperature
Topr
-25~75
°C
Storage temperature
Tstg
-55~150
°C
(*) Reduce 2.8mW / °C at Ta = above 25°C.
(**) Reduce 11.2mW / °C at Ta = above 25°C.
Electrical Characteristics (unless otherwise specified, VCC = 5V, Ta = 25°C)
Characteristic
Symbol
Test
Cir
-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Operating supply
voltage
VCC
Ta =
-35~85°C
8.0
9.0
10
V
Operating supply
current
ICCQ
At no signal
8.1
11.0
13.7
mA
Reference voltage
VRI
4.4
4.5
4.6
V
THD (1)
1kHz, Vo = 2mVrms
-86
-83
THD (2)
10kHz, Vo = 2mVrms
-86
-83
Noise distortion factor
THD (3)
1
1kHz, Vo = 100mVrms
-74
-70
dB
Cross talk
CT
1
1kHz, Vo = 2mVrms
-100
-90
dB
ATT (1)
40kHz, Vo = -10dBVrms
0.51
0.71
1.41
Attenuation
ATT (2)
1
80kHz, Vo = -10dBVrms
1.50
2.70
4.50
dB
Max. output level
Vomax
1
1kHz, THD = 1%
2.5
2.6
Vrms
Differential balance
GVB
1
1kHz, 1.1dBVrms
In
-phase input
-40
dB
LR output difference
GVD
1
1kHz, 1.1dBVrms
Differential input
0
0.5
dB
(Note 1) When the TC9327BF, TC9237BN (+5V) and +9V single power supply are operated
: Full scale = 2mVrms (typ.).
(Note 2) The amount of attenuations is based on 1kHz, Vo = -10dBVrms.
(Note 3) Measuring circuit
-1: Indicates the measuring circuit.


Número de pieza similar - TA2028F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerex Power Semicondu...
TA202812 POWEREX-TA202812 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA202814 POWEREX-TA202814 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
logo
TAI-SAW TECHNOLOGY CO.,...
TA2028A TAI-SAW-TA2028A Datasheet
431Kb / 7P
   SAW Filter 1227.6 MHz
More results

Descripción similar - TA2028F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com