Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5061 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza 2N5061
Descripción Electrónicos  Sensitive Gate Silicon Controlled Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5061 Datasheet(HTML) 3 Page - ON Semiconductor

  2N5061 Datasheet HTML 1Page - ON Semiconductor 2N5061 Datasheet HTML 2Page - ON Semiconductor 2N5061 Datasheet HTML 3Page - ON Semiconductor 2N5061 Datasheet HTML 4Page - ON Semiconductor 2N5061 Datasheet HTML 5Page - ON Semiconductor 2N5061 Datasheet HTML 6Page - ON Semiconductor 2N5061 Datasheet HTML 7Page - ON Semiconductor 2N5061 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2N5060 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
*Peak Repetitive Forward or Reverse Blocking Current (Note 3)
(VAK = Rated VDRM or VRRM)TC = 25°C
TC = 110°C
IDRM, IRRM
10
50
mA
mA
ON CHARACTERISTICS
*Peak Forward On−State Voltage (Note 4)
(ITM = 1.2 A peak @ TA = 25°C)
VTM
1.7
V
Gate Trigger Current (Continuous DC) (Note 5)
*(VAK = 7.0 Vdc, RL = 100 W)TC = 25°C
TC = −40°C
IGT
200
350
mA
Gate Trigger Voltage (Continuous DC) (Note 5)
TC = 25°C
*(VAK = 7.0 Vdc, RL = 100 W)TC = −40°C
VGT
0.8
1.2
V
*Gate Non−Trigger Voltage
(VAK = Rated VDRM, RL = 100 W)TC = 110°C
VGD
0.1
V
Holding Current (Note 5)
TC = 25°C
*(VAK = 7.0 Vdc, initiating current = 20 mA)
TC = −40°C
IH
5.0
10
mA
Turn-On Time
Delay Time
Rise Time
(IGT = 1.0 mA, VD = Rated VDRM,
Forward Current = 1.0 A, di/dt = 6.0 A/
ms
td
tr
3.0
0.2
ms
Turn-Off Time
(Forward Current = 1.0 A pulse,
Pulse Width = 50
ms,
0.1% Duty Cycle, di/dt = 6.0 A/
ms,
dv/dt = 20 V/
ms, IGT = 1 mA)
2N5060, 2N5061
2N5062, 2N5064
tq
10
30
ms
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off−State Voltage
(Rated VDRM, Exponential)
dv/dt
30
V/
ms
3. RGK = 1000 W is included in measurement.
4. Forward current applied for 1 ms maximum duration, duty cycle
p 1%.
5. RGK current is not included in measurement.
*Indicates JEDEC Registered Data.
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak on State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode −
Forward Blocking Region
IRRM at VRRM
(off state)


Número de pieza similar - 2N5061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
2N5061 BOCA-2N5061 Datasheet
31Kb / 1P
   SCRs (Silicon Controlled Rectifiers)
logo
Central Semiconductor C...
2N5061 CENTRAL-2N5061 Datasheet
22Kb / 1P
   0.8 to 110 Amperes RMS 15 to 1200 Volts
2N5061 CENTRAL-2N5061 Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.8 AMP, 30 THRU 200 VOLTS
logo
New Jersey Semi-Conduct...
2N5061 NJSEMI-2N5061 Datasheet
248Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N5061 DIGITRON-2N5061 Datasheet
182Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
More results

Descripción similar - 2N5061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com