Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3476 Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza 2SK3476
Descripción Electrónicos  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3476 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3476 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3476 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3476 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3476 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SK3476
2002-01-09
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
2SK3476
VHF- and UHF-band Amplifier Applications
· Output power: PO = 7.0 W (min)
· Gain: GP = 11.4dB (min)
· Drain efficiency: ηD = 60% (min)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
20
V
Gain-source voltage
VGSS
±5
V
Drain current
ID
3
A
Power dissipation
PD (Note 1)
20
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−45~150
°C
Note 1: Tc = 25°C (When mounted on a 1.6 mm glass epoxy PCB)
Marking
Caution
Please take care to avoid generating static electricity when handling this transistor.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-5N1A
Type name
1
UC
F
2
3
1. Gate
2. Source (heat sink)
3. Drain
**
Lo No.
Dot


Número de pieza similar - 2SK3476

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK3476 TOSHIBA-2SK3476 Datasheet
166Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3476 TOSHIBA-2SK3476 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3476 TOSHIBA-2SK3476_07 Datasheet
166Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
More results

Descripción similar - 2SK3476

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
2SK3759 TOSHIBA-2SK3759 Datasheet
91Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type ( -MOS??
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com