Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVCH162244ADGG Datasheet(PDF) 6 Page - NXP Semiconductors |
|
74LVCH162244ADGG Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 16 page 2003 Dec 12 6 Philips Semiconductors Product specification 16-bit buffer/line driver, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state 74LVC162244A; 74LVCH162244A RECOMMENDED OPERATING CONDITIONS LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). Notes 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. Above 60 °C the value of Ptot derates linearly with 5.5 mW/K. SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCC supply voltage for maximum speed performance 2.7 3.6 V for low voltage applications 1.2 3.6 V VI input voltage 0 5.5 V VO output voltage output HIGH or LOW state 0 VCC V output 3-state 0 5.5 V Tamb operating ambient temperature in free air −40 +125 °C tr,tf input rise and fall times VCC = 1.2 to 2.7 V 0 20 ns/V VCC = 2.7 to 3.6 V 0 10 ns/V SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VCC supply voltage −0.5 +6.5 V IIK input diode current VI <0 −−50 mA VI input voltage note 1 −0.5 +6.5 V IOK output diode current VO >VCC or VO <0 −±50 mA VO output voltage output HIGH or LOW state; note 1 −0.5 VCC + 0.5 V output 3-state; note 1 −0.5 +6.5 V IO output source or sink current VO =0toVCC −±50 mA ICC, IGND VCC or GND current −±100 mA Tstg storage temperature −65 +150 °C Ptot power dissipation Tamb = −40 to +125 °C; note 2 − 500 mW |
Número de pieza similar - 74LVCH162244ADGG |
|
Descripción similar - 74LVCH162244ADGG |