Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRV5011 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DRV5011
Descripción Electrónicos  Low-Voltage, Digital-Latch Hall Effect Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5011 Datasheet(HTML) 5 Page - Texas Instruments

  DRV5011 Datasheet HTML 1Page - Texas Instruments DRV5011 Datasheet HTML 2Page - Texas Instruments DRV5011 Datasheet HTML 3Page - Texas Instruments DRV5011 Datasheet HTML 4Page - Texas Instruments DRV5011 Datasheet HTML 5Page - Texas Instruments DRV5011 Datasheet HTML 6Page - Texas Instruments DRV5011 Datasheet HTML 7Page - Texas Instruments DRV5011 Datasheet HTML 8Page - Texas Instruments DRV5011 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Temperature (qC)
-40
-10
20
50
80
110
135
2
2.1
2.2
2.3
2.4
2.5
2.6
D005
1.65 V
3 V
5.5 V
Supply Voltage (V)
1.5
2.5
3.5
4.5
5.5
0
1
2
3
4
5
D001
Supply Voltage (V)
1.5
2.5
3.5
4.5
5.5
-5
-4
-3
-2
-1
0
D003
Temperature (qC)
-40
-10
20
50
80
110
135
0
1
2
3
4
5
D002
Temperature (qC)
-40
-10
20
50
80
110
135
-5
-4
-3
-2
-1
0
D004
5
DRV5011
www.ti.com
SLVSCY6 – DECEMBER 2017
Product Folder Links: DRV5011
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics
Figure 1. BOP vs Temperature
Figure 2. BRP vs Temperature
Figure 3. BOP vs VCC
Figure 4. BRP vs VCC
Figure 5. ICC vs Temperature


Número de pieza similar - DRV5011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV5011 TI1-DRV5011 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5011 Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011ADDBZR TI1-DRV5011ADDBZR Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011ADDBZR TI1-DRV5011ADDBZR Datasheet
1Mb / 31P
[Old version datasheet]   DRV5011 Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011ADDBZT TI1-DRV5011ADDBZT Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
More results

Descripción similar - DRV5011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011_V01 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5011 Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5013 TI1-DRV5013_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013 TI1-DRV5013_V01 Datasheet
1Mb / 33P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5015 TI1-DRV5015 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5015-Q1 TI1-DRV5015-Q1 Datasheet
574Kb / 25P
[Old version datasheet]   Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
DRV5013 TI-DRV5013_15 Datasheet
966Kb / 27P
[Old version datasheet]   DRV5013 Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
logo
Feeling Technology Corp...
FS177 FEELING-FS177 Datasheet
225Kb / 10P
   Low Voltage Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com