Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTCALUG02A Datasheet(PDF) 9 Page - Vishay Siliconix

No. de pieza NTCALUG02A
Descripción Electrónicos  NTC Thermistors, Low Thermal Gradient Lug Sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG02A Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button NTCALUG02A_17 Datasheet HTML 2Page - Vishay Siliconix NTCALUG02A_17 Datasheet HTML 3Page - Vishay Siliconix NTCALUG02A_17 Datasheet HTML 4Page - Vishay Siliconix NTCALUG02A_17 Datasheet HTML 5Page - Vishay Siliconix NTCALUG02A_17 Datasheet HTML 6Page - Vishay Siliconix NTCALUG02A_17 Datasheet HTML 7Page - Vishay Siliconix NTCALUG02A_17 Datasheet HTML 8Page - Vishay Siliconix NTCALUG02A_17 Datasheet HTML 9Page - Vishay Siliconix NTCALUG02A_17 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NTCALUG02A Series
www.vishay.com
Vishay BCcomponents
Revision: 17-Nov-17
9
Document Number: 29094
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCALUG02A104H
NTC LUG02A 100K 3 % 4190 K 1.50 %
RESISTANCE TEMPERATURE CHARACTERISTICS
TEMP.
(°C)
R(T)/R25
RESISTANCE
(
)
R/R
(%)
(%/K)
T
(K)
Rmin.
(
)
Rmax.
(
)
-40
36.66
3 666 299
9.05
-6.69
1.35
3 334 354
3 998 244
-35
26.38
2 637 588
8.47
-6.49
1.31
2 414 139
2 861 036
-30
19.17
1 916 576
7.91
-6.29
1.26
1 764 917
2 068 236
-25
14.06
1 406 111
7.38
-6.10
1.21
1 302 387
1 509 836
-20
10.41
1 041 184
6.86
-5.92
1.16
969 745
1 112 622
-15
7.778
777 846
6.37
-5.75
1.11
728 330
827 362
-10
5.861
586 097
5.89
-5.58
1.06
551 581
620 613
-5
4.453
445 257
5.43
-5.42
1.00
421 079
469 435
0
3.409
340 942
4.99
-5.26
0.95
323 936
357 948
5
2.631
263 054
4.56
-5.11
0.89
251 054
275 054
10
2.044
204 446
4.15
-4.97
0.84
195 960
212 931
15
1.600
160 014
3.75
-4.83
0.78
154 008
166 020
20
1.261
126 087
3.37
-4.70
0.72
121 837
130 336
25
1.000
100 000
3.00
-4.57
0.66
97 000
103 000
30
0.7981
79 808
3.36
-4.45
0.75
77 128
82 488
35
0.6408
64 077
3.70
-4.33
0.86
61 703
66 451
40
0.5175
51 745
4.04
-4.22
0.96
49 655
53 836
45
0.4202
42 021
4.36
-4.11
1.06
40 187
43 855
50
0.3431
34 308
4.68
-4.00
1.17
32 702
35 913
55
0.2816
28 156
4.98
-3.90
1.28
26 752
29 559
60
0.2322
23 222
5.28
-3.80
1.39
21 996
24 449
65
0.1925
19 246
5.57
-3.71
1.50
18 174
20 318
70
0.1602
16 025
5.85
-3.62
1.62
15 088
16 961
75
0.1340
13 402
6.12
-3.53
1.73
12 582
14 222
80
0.1126
11 258
6.38
-3.45
1.85
10 539
11 976
85
0.09496
9496
6.64
-3.36
1.97
8866
10 126
90
0.08042
8042
6.89
-3.28
2.10
7488
8596
95
0.06837
6837
7.13
-3.21
2.22
6350
7325
100
0.05835
5835
7.36
-3.13
2.35
5405
6265
105
0.04998
4998
7.59
-3.06
2.48
4618
5377
110
0.04296
4296
7.82
-2.99
2.61
3960
4632
115
0.03705
3705
8.03
-2.93
2.75
3407
4003
120
0.03206
3206
8.25
-2.86
2.88
2942
3470
125
0.02783
2783
8.45
-2.80
3.02
2548
3018


Número de pieza similar - NTCALUG02A_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
NTCALUG02A103F VISHAY-NTCALUG02A103F Datasheet
110Kb / 9P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
Revision: 02-Aug-12
NTCALUG02A103FL VISHAY-NTCALUG02A103FL Datasheet
110Kb / 9P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
Revision: 02-Aug-12
NTCALUG02A103G VISHAY-NTCALUG02A103G Datasheet
110Kb / 9P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
Revision: 02-Aug-12
NTCALUG02A104H VISHAY-NTCALUG02A104H Datasheet
110Kb / 9P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
Revision: 02-Aug-12
NTCALUG02A472F VISHAY-NTCALUG02A472F Datasheet
110Kb / 9P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
Revision: 02-Aug-12
More results

Descripción similar - NTCALUG02A_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
NTCALUG02A VISHAY-NTCALUG02A Datasheet
110Kb / 9P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
Revision: 02-Aug-12
NTCALUG02A VISHAY-NTCALUG02A_V01 Datasheet
109Kb / 3P
   NTC Thermistors, Low Thermal Gradient Lug Sensors
01-Jan-2022
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 12-Oct-2018
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 16-Sep-10
NTCALUG03 VISHAY-NTCALUG03_11 Datasheet
117Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 12-Apr-11
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors, 150 °C
Revision: 30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 17-Nov-17
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
   NTC Thermistors, Standard Lug Sensors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com