Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS19830CS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS19830CS
Descripción Electrónicos  Integrated 500V MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19830CS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19830CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19830CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS19830CS
Taiwan Semiconductor
3
Version: A1704
ELECTRICAL SPECIFICATIONS (V
CC = 18V, TA = 25°C unless otherwise noted)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
Start-up Current
VCC(ST)
VCC= VUVLO(on) -1V
--
45
--
μA
Operating Current
IOPA
Operating @ 60kHz
--
2.1
2.6
mA
UVLO(off)
VUVLO(off)
7
8
9
V
UVLO(on)
VUVLO(on)
16
17.5
19
V
OVP Level on VCC Pin
VOVP
29
31
33
V
Voltage Feedback
Feedback Reference Voltage
VFB
0.196
0.2
0.204
V
Transconductance
gm
--
58
--
μS
Output Sink Current
IO-SINK
--
5.8
--
μA
Output Source Current
IO-SOURCE
--
5.8
--
μA
Current Sensing
Open Loop Voltage
VOLP
CS Pin Open
--
5
--
V
Leading-Edge Blanking Time
tLEB
--
400
--
ns
Delay to Output
tDELAY
--
100
--
ns
Current Limit
CL Limit Voltage
VOCP
--
0.3
--
V
Switching Frequency
Start Frequency
fSTR
--
4.5
--
kHz
ELECTRICAL SPECIFICATIONS (V
CC = 18V, TA = 25°C unless otherwise noted)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
MOSFET section
Drain-Source Breakdown
Voltage
BVDS
500
--
--
V
Drain-Source On Resistance
RDS(ON)
--
2.3
--
Ω
Thermal Section
(Note 5,6)
Thermal Shutdown
--
150
--
°C
Thermal Shutdown Release
--
120
--
°C
Note:
1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
remain possibility to affect device reliability.
2.
Devices are ESD sensitive. Handing precaution recommended.
3.
Thermal Resistance is specified with the component mounted on a low effective thermal conductivity test board in free air at
TA=25°C.
4.
The device is not guaranteed to function outside its operating conditions.
5.
Guaranteed by design.
6.
Auto Recovery Type.


Número de pieza similar - TS19830CS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS19820CS TSC-TS19820CS Datasheet
910Kb / 14P
   Single-Stage Power Factor Correction Dimmable LED Driver with 3.3V Voltage Regulator Output
More results

Descripción similar - TS19830CS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQD3P50TM FAIRCHILD-FQD3P50TM Datasheet
766Kb / 9P
   500V P-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com