Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM088NA03CR Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSM088NA03CR
Descripción Electrónicos  Low gate charge for fast power switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM088NA03CR Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM088NA03CR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM088NA03CR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM088NA03CR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM088NA03CR Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM088NA03CR Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM088NA03CR Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSM088NA03CR
Taiwan Semiconductor
4
Version: C1610
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
0.8
0.9
1
1.1
1.2
-75
-50
-25
0
25
50
75
100 125 150
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
30
1
10
100
1000
0.1
1
10
100
V
DS, Drain to Source Voltage (V)
R
DS(ON)
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Capacitance vs. Drain-Source Voltage
BVDSS vs. Junction Temperature
Maximum Safe Operating Area, Junction-to-Case
Source-Drain Diode Forward Current vs. Voltage
Normalized Thermal Transient Impedance, Junction-to-Case
VSD, Body Diode Forward Voltage (V)
t, Square Wave Pulse Duration (sec)
Duty=0.5
Duty=0.2
Duty=0.1
Duty=0.05
Duty=0.02
Duty=0.01
Single
VDS, Drain to Source Voltage (V)
TJ, Junction Temperature (°C)
CISS
COSS
CRSS
ID=1mA
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
25℃
150℃
-55℃
SINGLE PULSE
RӨJC=2.2°C/W
TC=25°C
Notes:
Duty = t1 / t2
TJ = TC + PDM x ZӨJC x RӨJC
SINGLE PULSE
RӨJC=2.2°C/W


Número de pieza similar - TSM088NA03CR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM080N03E TSC-TSM080N03E Datasheet
411Kb / 6P
   N-Channel Power MOSFET
TSM080N03EPQ56RLG TSC-TSM080N03EPQ56RLG Datasheet
411Kb / 6P
   N-Channel Power MOSFET
TSM080N03PQ56 TSC-TSM080N03PQ56 Datasheet
506Kb / 5P
   30V N-Channel Power MOSFET
TSM080N03PQ56RLG TSC-TSM080N03PQ56RLG Datasheet
506Kb / 5P
   30V N-Channel Power MOSFET
TSM085N03PQ33 TSC-TSM085N03PQ33 Datasheet
468Kb / 5P
   30V N-Channel Power MOSFET
More results

Descripción similar - TSM088NA03CR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
   Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
TSM150P04LCS TSC-TSM150P04LCS Datasheet
339Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCS TSC-TSM120N06LCS Datasheet
327Kb / 6P
   Low gate charge for fast power switching
TSM089N08LCR TSC-TSM089N08LCR Datasheet
341Kb / 6P
   Low gate charge for fast power switching
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
   Low Gate Charge for Fast Switching
logo
Advanced Power Electron...
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
   Low Gate Charge, Fast Switching Performance
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com