Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM089N08LCR Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSM089N08LCR
Descripción Electrónicos  Low gate charge for fast power switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM089N08LCR Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM089N08LCR Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM089N08LCR Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSM089N08LCR
Taiwan Semiconductor
3
Version: A1608
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate-Source Voltage vs. Gate Charge
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-Source Voltage
VGS, Gate to Source Voltage (V)
VDS, Drain to Source Voltage (V)
ID, Drain Current (A)
Qg, Gate Charge (nC)
TJ, Junction Temperature (°C)
VGS, Gate to Source Voltage (V)
0
2
4
6
8
10
0
20
40
60
80
100
V
DS=40V
I
D=12A
0
0.5
1
1.5
2
2.5
-75
-50
-25
0
25
50
75
100
125
150
V
GS=10V
I
D=12A
0
6
12
18
24
30
0
1
2
3
4
5
25℃
-55℃
150℃
0.002
0.004
0.006
0.008
0.01
0.012
0
6
12
18
24
30
V
GS=10V
V
GS=4.5V
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.01
3
4
5
6
7
8
9
10
I
D=12A
0
6
12
18
24
30
0
1
2
3
4
5
V
GS=10V
V
GS=7V
V
GS=5V
V
GS=4.5V
V
GS=4V
V
GS=3.5V


Número de pieza similar - TSM089N08LCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM080N03E TSC-TSM080N03E Datasheet
411Kb / 6P
   N-Channel Power MOSFET
TSM080N03EPQ56RLG TSC-TSM080N03EPQ56RLG Datasheet
411Kb / 6P
   N-Channel Power MOSFET
TSM080N03PQ56 TSC-TSM080N03PQ56 Datasheet
506Kb / 5P
   30V N-Channel Power MOSFET
TSM080N03PQ56RLG TSC-TSM080N03PQ56RLG Datasheet
506Kb / 5P
   30V N-Channel Power MOSFET
TSM085N03PQ33 TSC-TSM085N03PQ33 Datasheet
468Kb / 5P
   30V N-Channel Power MOSFET
More results

Descripción similar - TSM089N08LCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
   Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
TSM150P04LCS TSC-TSM150P04LCS Datasheet
339Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCS TSC-TSM120N06LCS Datasheet
327Kb / 6P
   Low gate charge for fast power switching
TSM088NA03CR TSC-TSM088NA03CR Datasheet
342Kb / 6P
   Low gate charge for fast power switching
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
   Low Gate Charge for Fast Switching
logo
Advanced Power Electron...
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
   Low Gate Charge, Fast Switching Performance
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com