Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM150P04LCS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSM150P04LCS
Descripción Electrónicos  Low gate charge for fast power switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM150P04LCS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM150P04LCS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM150P04LCS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM150P04LCS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM150P04LCS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM150P04LCS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM150P04LCS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSM150P04LCS
Taiwan Semiconductor
3
Version: A1611
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate-Source Voltage vs. Gate Charge
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-Source Voltage
-VGS, Gate to Source Voltage (V)
-VDS, Drain to Source Voltage (V)
-ID, Drain Current (A)
Qg, Gate Charge (nC)
TJ, Junction Temperature (°C)
-VGS, Gate to Source Voltage (V)
0
6
12
18
24
30
0
1
2
3
4
25℃
-55℃
150℃
0
6
12
18
24
30
0
1
2
3
4
V
GS=-10V
V
GS=-7V
V
GS=-5V
V
GS=-4.5V
V
GS=-4V
V
GS=-3.5V
V
GS=-3V
0
2
4
6
8
10
0
10
20
30
40
50
V
DS=-20V
I
D=-9A
0.6
0.8
1
1.2
1.4
1.6
1.8
-75
-50
-25
0
25
50
75
100
125
150
V
GS=-10V
I
D=-9A
0
0.01
0.02
0.03
0.04
0.05
3
4
5
6
7
8
9
10
I
D=-9A
0
0.005
0.01
0.015
0.02
0.025
0.03
0
6
12
18
24
30
V
GS=-10V
V
GS=-4.5V


Número de pieza similar - TSM150P04LCS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
   P-Channel Power MOSFET
TSM150P03PQ33 TSC-TSM150P03PQ33 Datasheet
354Kb / 6P
   TSM150P03PQ33
TSM150P03PQ33RGG TSC-TSM150P03PQ33RGG Datasheet
393Kb / 6P
   P-Channel Power MOSFET
More results

Descripción similar - TSM150P04LCS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
   Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
   Low gate charge for fast power switching
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCS TSC-TSM120N06LCS Datasheet
327Kb / 6P
   Low gate charge for fast power switching
TSM088NA03CR TSC-TSM088NA03CR Datasheet
342Kb / 6P
   Low gate charge for fast power switching
TSM089N08LCR TSC-TSM089N08LCR Datasheet
341Kb / 6P
   Low gate charge for fast power switching
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
   Low Gate Charge for Fast Switching
logo
Advanced Power Electron...
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
   Low Gate Charge, Fast Switching Performance
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com