Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM3702XDBPX-23 Datasheet(PDF) 4 Page - National Semiconductor (TI) |
|
|
LM3702XDBPX-23 Datasheet(HTML) 4 Page - National Semiconductor (TI) |
4 / 13 page Ordering Information 20011504 *For other voltages between 2.2V and 5.0V, please contact National Semiconductor sales office. LM3702/LM3703 Part Number Output Reset Timeout Period Package Marking LM3702XCBP-308 totem-pole 200ms %%I2 LM3702XCBPX-308 totem-pole 200ms %%I2 LM3703XCBP-308 totem-pole 200ms %%I3 LM3703XCBPX-308 totem-pole 200ms %%I3 LM3703XDBP-308 totem-pole 1600ms %%124 LM3703XDBPX-308 totem-pole 1600ms %%124 LM3702YABP-308 open-drain 1.4ms %%131 LM3702ABPX-308 open-drain 1.4ms %%131 LM3702YDBP-220 open-drain 1600ms %%125 LM3702YDBPX-220 open-drain 1600ms %%125 %% is the datecode and will vary with time. Table Of Functions Part Number Active Low Reset Active High Reset Output (X = totem-pole) (Y = open-drain) Reset Timeout Period Manual Reset Low Line Output LM3702 x X, Y* Customized x x LM3703 x X Customized x x * = available upon request. Contact National www.national.com 4 |
Número de pieza similar - LM3702XDBPX-23 |
|
Descripción similar - LM3702XDBPX-23 |