Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LBT66G Datasheet(PDF) 15 Page - OSRAM GmbH

No. de pieza LBT66G
Descripción Electrónicos  Information Displays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBT66G Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button LBT66G Datasheet HTML 11Page - OSRAM GmbH LBT66G Datasheet HTML 12Page - OSRAM GmbH LBT66G Datasheet HTML 13Page - OSRAM GmbH LBT66G Datasheet HTML 14Page - OSRAM GmbH LBT66G Datasheet HTML 15Page - OSRAM GmbH LBT66G Datasheet HTML 16Page - OSRAM GmbH LBT66G Datasheet HTML 17Page - OSRAM GmbH LBT66G Datasheet HTML 18Page - OSRAM GmbH LBT66G Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Version 2.2
LB T66G
2015-04-30
15
Reflow Soldering Profile
Reflow-Lötprofil
Product complies to MSL Level 2 acc. to JEDEC J-STD-020D.01
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L
OHA04612
Profile Feature
Profil-Charakteristik
Ramp-up rate to preheat*)
25 °C to 150 °C
2
3
K/s
Time t
S
T
Smin to TSmax
t
S
t
L
t
P
T
L
T
P
100
120
60
10
20
30
80
100
217
2
3
245
260
3
6
Time
25 °C to T
P
Time within 5 °C of the specified peak
temperature T
P - 5 K
Ramp-down rate*
T
P
to
100 °C
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation DT/Dt: Dt max. 5 s; fulfillment for the whole T-range
Ramp-up rate to peak*)
T
Smax
to
T
P
Liquidus temperature
Peak temperature
Time above liquidus temperature
Symbol
Symbol
Unit
Einheit
Pb-Free (SnAgCu) Assembly
Minimum
Maximum
Recommendation
K/s
K/s
s
s
s
s
°C
°C
480


Número de pieza similar - LBT66G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SIPAT Co,Ltd
LBT61101 SIPAT-LBT61101 Datasheet
190Kb / 3P
   611MHz SAW Filter 10MHz Bandwidth
LBT61101 SIPAT-LBT61101 Datasheet
196Kb / 3P
   611MHz SAW Filter 10MHz Bandwidth
logo
OSRAM GmbH
LBT64G OSRAM-LBT64G Datasheet
714Kb / 24P
   TOPLED Black
LBT64G-V1CA-59 OSRAM-LBT64G-V1CA-59 Datasheet
714Kb / 24P
   TOPLED Black
logo
SIPAT Co,Ltd
LBT6502 SIPAT-LBT6502 Datasheet
88Kb / 1P
   SAW Filter Electrical Characteristic
More results

Descripción similar - LBT66G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LPM67K OSRAM-LPM67K Datasheet
501Kb / 20P
   Information Displays
LYQ396 OSRAM-LYQ396 Datasheet
1Mb / 20P
   Information Displays
LYT64F OSRAM-LYT64F Datasheet
2Mb / 24P
   Information Displays
LYT68F OSRAM-LYT68F Datasheet
549Kb / 22P
   Information Displays
LRT68F OSRAM-LRT68F Datasheet
545Kb / 22P
   Information Displays
LYM67K OSRAM-LYM67K Datasheet
503Kb / 20P
   Information Displays
LYT66F OSRAM-LYT66F Datasheet
706Kb / 23P
   Information Displays
LOM67K OSRAM-LOM67K Datasheet
501Kb / 20P
   Information Displays
LOT64F OSRAM-LOT64F Datasheet
2Mb / 24P
   Information Displays
LAM67F OSRAM-LAM67F Datasheet
536Kb / 21P
   Information Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com