Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMA8N50H Datasheet(PDF) 1 Page - Wuxi Unigroup Microelectronics Company

No. de pieza TMA8N50H
Descripción Electrónicos  500V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WUMC [Wuxi Unigroup Microelectronics Company]
Página de inicio  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TMA8N50H Datasheet(HTML) 1 Page - Wuxi Unigroup Microelectronics Company

  TMA8N50H Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TMA8N50H
www.tsinghuaicwx.com
V3.0
Wuxi Unigroup Microelectronics Company
FEATURES
 Fast switching
 100% avalanche tested
 Improved dv/dt capability
APPLICATIONS
 Switch Mode Power Supply (SMPS)
 Uninterruptible Power Supply (UPS)
 Power Factor Correction (PFC)
Device Marking and Package Information
Device
Package
Marking
TMA8N50H
TO-220F
A8N50H
Absolute Maximum Ratings T
C = 25ºC, unless otherwise noted
Parameter
Symbol
Value
Unit
Drain-Source Voltage (V
GS = 0V)
V
DSS
500
V
Continuous Drain Current
I
D
8
A
Pulsed Drain Current
(note1)
I
DM
32
A
Gate-Source Voltage
V
GSS
±30
V
Single Pulse Avalanche Energy
(note2)
E
AS
198
mJ
Avalanche Current
(note1)
I
AR
4.5
A
Repetitive Avalanche Energy
(note1)
E
AR
40
mJ
Power Dissipation (T
C = 25ºC)
P
D
63
W
Operating Junction and Storage Temperature Range
T
J, Tstg
-55~+150
ºC
Thermal Resistance
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-Case
R
thJC
1.98
ºC/W
Thermal Resistance, Junction-to-Ambient
R
thJA
62.5
500V N-Channel MOSFET
1


Número de pieza similar - TMA8N50H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
TMA84 SANKEN-TMA84 Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA84I SANKEN-TMA84I Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA84S-L SANKEN-TMA84S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA84S-L SANKEN-TMA84S-L Datasheet
276Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA86 SANKEN-TMA86 Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
More results

Descripción similar - TMA8N50H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com