Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA65R1K2C Datasheet(PDF) 3 Page - Wuxi Unigroup Microelectronics Company

No. de pieza TPA65R1K2C
Descripción Electrónicos  650V Super-Junction Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WUMC [Wuxi Unigroup Microelectronics Company]
Página de inicio  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPA65R1K2C Datasheet(HTML) 3 Page - Wuxi Unigroup Microelectronics Company

  TPA65R1K2C Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 9Page - Wuxi Unigroup Microelectronics Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TPP65R1K2C, TPA65R1K2C, TPU65R1K2C, TPD65R1K2C, TPC65R1K2C, TPB65R1K2C
V3.0
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
0
1
2
3
4
5
6
7
0
2
4
6
8
10
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
0
5
10
15
20
0.2
0.4
0.6
0.8
1
1.2
3
Typical Characteristics T
J = 25ºC, unless otherwise noted
102
101
100
10-1
10-2
10-3
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance vs. Drain Current
Figure 4. Capacitance
Figure 5. Gate Charge
Figure 6. Body Diode Forward Voltage
V
DS, Drain-to-Source Voltage (V)
V
GS, Gate-to-Source Voltage (V)
I
D, Drain Current (A)
V
DS, Drain-to-Source Voltage (V)
Q
g, Total Gate Charge (nC)
V
SD, Source-to-Drain Voltage (V)
T
J = 25ºC
T
J = 150ºC
V
DS = 10V
V
DD = 120V
V
DD = 560V
T
J = 25ºC
T
J = 150ºC
103
102
101
V
GS = 0V
f = 1MHz
C
iss
C
oss
C
rss
100
104
0
10
20
30
40
50
60
10-1
20V
10V
6V
5.5V
5V
4.5V
0.8
1
1.2
1.4
1.6
1.8
2
0
1
2
3
4
V
GS = 10V
T
J = 25ºC


Número de pieza similar - TPA65R1K2C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wuxi Unigroup Microelec...
TPA65R1K2C WUMC-TPA65R1K2C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
More results

Descripción similar - TPA65R1K2C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Winsemi Microe...
WFF4N65S WINSEMI-WFF4N65S Datasheet
154Kb / 7P
   650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA65R940C WUMC-TPA65R940C Datasheet
983Kb / 9P
   650V Super-Junction Power MOSFET
logo
Shenzhen Winsemi Microe...
WFD7N65S WINSEMI-WFD7N65S Datasheet
276Kb / 6P
   650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPD65R380C WUMC-TPD65R380C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPV65R085CFD WUMC-TPV65R085CFD Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPW65R080C WUMC-TPW65R080C Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPW65R085CFD WUMC-TPW65R085CFD Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPA65R600C WUMC-TPA65R600C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPA65R160C WUMC-TPA65R160C Datasheet
1Mb / 9P
   650V Super-Junction Power MOSFET
TPD65R1K2C WUMC-TPD65R1K2C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com