Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24WC257XA-1.8TE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

No. de pieza CAT24WC257XA-1.8TE13
Descripción Electrónicos  256K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC257XA-1.8TE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24WC257XA-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC257XA-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC257XA-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC257XA-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC257XA-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC257XA-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC257XA-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC257XA-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC257XA-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT24WC257
3
Doc. No. 1030, Rev. E
Power-Up Timing (2)(3)
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-Up to Read Operation
1
ms
tPUW
Power-Up to Write Operation
1
ms
Note:
(1) AC measurement conditions:
RL (connects to VCC): 0.3VCC to 0.7 VCC
Input rise and fall times: < 50ns
Input and output timeing reference voltages: 0.5 VCC
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.
A.C. CHARACTERISTICS
VCC = +1.8V to +6V, unless otherwise specified
Output Load is 1 TTL Gate and 100pF
Read & Write Cycle Limits
Symbol
Parameter
VCC=1.8V - 6.0V VCC=2.5V - 6.0V VCC=3.0V - 5.5V
Min
Max
Min
Max
Min
Max
Units
FSCL
Clock Frequency
100
400
1000
kHz
tAA
SCL Low to SDA Data Out
0.1
3.5
0.05
0.9
0.05
0.55
µs
and ACK Out
tBUF(1)
Time the Bus Must be Free Before
4.7
1.2
0.5
µs
a New Transmission Can Start
tHD:STA
Start Condition Hold Time
4.0
0.6
0.25
µs
tLOW
Clock Low Period
4.7
1.2
0.6
µs
tHIGH
Clock High Period
4.0
0.6
0.4
µs
tSU:STA
Start Condition Setup Time
4.0
0.6
0.25
µs
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
0
0
ns
tSU:DAT
Data In Setup Time
100
100
100
ns
tR(1)
SDA and SCL Rise Time
1.0
0.3
0.3
µs
tF(1)
SDA and SCL Fall Time
300
300
100
ns
tSU:STO
Stop Condition Setup Time
4.7
0.6
0.25
µs
tDH
Data Out Hold Time
100
50
50
ns
tWR
Write Cycle Time
10
10
10
ms


Número de pieza similar - CAT24WC257XA-1.8TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256J1TE13 CATALYST-CAT24WC256J1TE13 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256J3TE13 CATALYST-CAT24WC256J3TE13 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256J8TE13 CATALYST-CAT24WC256J8TE13 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256JA1TE13 CATALYST-CAT24WC256JA1TE13 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
More results

Descripción similar - CAT24WC257XA-1.8TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com