Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATWILC3000 Datasheet(PDF) 11 Page - ATMEL Corporation

No. de pieza ATWILC3000
Descripción Electrónicos  Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC3000 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATWILC3000 Datasheet HTML 7Page - ATMEL Corporation ATWILC3000 Datasheet HTML 8Page - ATMEL Corporation ATWILC3000 Datasheet HTML 9Page - ATMEL Corporation ATWILC3000 Datasheet HTML 10Page - ATMEL Corporation ATWILC3000 Datasheet HTML 11Page - ATMEL Corporation ATWILC3000 Datasheet HTML 12Page - ATMEL Corporation ATWILC3000 Datasheet HTML 13Page - ATMEL Corporation ATWILC3000 Datasheet HTML 14Page - ATMEL Corporation ATWILC3000 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
ATWILC3000 Single Chip IEEE 802.11 b/g/n Link Controller with
Integrated Bluetooth 4.0 [DATASHEET]
Atmel-42390D-ATWILC3000-MUT-SmartConnect-Datasheet_05/2016
1
1
11
4.3
DC Electrical Characteristics
Table 4-3 provides the DC characteristics for the ATWILC3000 digital pads.
Table 4-3.
DC Electrical Characteristics
VDDIO
Condition
Characteristic
Min.
Max.
Unit
VDDIOL
Input Low Voltage VIL
-0.30
0.60
V
Input High Voltage VIH
VDDIO-0.60
VDDIO+0.30
Output Low Voltage VOL
0.45
Output High Voltage VOH
VDDIO-0.50
VDDIOM
Input Low Voltage VIL
-0.30
0.63
Input High Voltage VIH
VDDIO-0.60
VDDIO+0.30
Output Low Voltage VOL
0.45
Output High Voltage VOH
VDDIO-0.50
VDDIOH
Input Low Voltage VIL
-0.30
0.65
Input High Voltage VIH
VDDIO-0.60
VDDIO+0.30 (up to 3.60)
Output Low Voltage VOL
0.45
Output High Voltage VOH
VDDIO-0.50
All
Output Loading
20
pF
All
Digital Input Load
6
VDDIOL
Pad Drive Strength
1.7
2.4
mA
VDDIOM
Pad Drive Strength
3.4
6.5
VDDIOH
Pad Drive Strength
10.6
13.5


Número de pieza similar - ATWILC3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-ABCD MICROCHIP-ATWILC3000A-MU-ABCD Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T MICROCHIP-ATWILC3000A-MU-T Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
ATWILC3000A-MU-T042 MICROCHIP-ATWILC3000A-MU-T042 Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
More results

Descripción similar - ATWILC3000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATWINC3400 ATMEL-ATWINC3400 Datasheet
1Mb / 35P
   Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
logo
Broadcom Corporation.
BCM4334X BOARDCOM-BCM4334X Datasheet
3Mb / 170P
   Single Chip IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0 HS and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com