Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATWINC1500B-MU Datasheet(PDF) 1 Page - ATMEL Corporation

No. de pieza ATWINC1500B-MU
Descripción Electrónicos  IEEE 802.11 b/g/n Network Controller SoC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWINC1500B-MU Datasheet(HTML) 1 Page - ATMEL Corporation

  ATWINC1500B-MU Datasheet HTML 1Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 2Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 3Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 4Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 5Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 6Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 7Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 8Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ATWINC1500B-MU
IEEE 802.11 b/g/n Network Controller SoC
DATASHEET
Description
Atmel® ATWINC1500B is a single chip IEEE® 802.11 b/g/n Radio/Baseband/MAC
network controller optimized for low-power mobile applications. ATWINC1500B
supports single stream 1x1 802.11n mode providing up to 72Mbps PHY rate.
ATWINC1500B features fully integrated Power Amplifier, LNA, Switch, and
Power Management. ATWINC1500B also features an on-chip microcontroller
and integrated Flash memory for system software. Implemented in 65nm CMOS
technology, the ATWINC1500B offers very low power consumption while
simultaneously providing high performance and minimal bill of materials.
The ATWINC1500B supports 2- and 3-wire Bluetooth® coexistence protocols.
The ATWINC1500B provides multiple peripheral interfaces including UART, SPI,
I2C the only external clock source needed for the ATWINC1500B is a high-speed
crystal or oscillator with a wide range of reference clock frequencies supported
(12-40MHz). The ATWINC1500B is available in QFN packaging.
Features
IEEE 802.11 b/g/n 20MHz (1x1) solution
Single spatial stream in 2.4GHz ISM band
Integrated PA and T/R Switch
Superior Sensitivity and Range via advanced PHY signal processing
Advanced Equalization and Channel Estimation
Advanced Carrier and Timing Synchronization
Wi-Fi Direct and Soft-AP support
Supports IEEE 802.11 WEP, WPA, and WPA2 Security
Supports China WAPI security
Superior MAC throughput via hardware accelerated two-level A-MSDU/A-
MPDU frame aggregation and block acknowledgement
On-chip memory management engine to reduce host load
Integrated Flash memory for system software
SPI, UART, and I2C host interfaces
2- or 3-wire Bluetooth coexistence interface
Operating temperature range of -40°C to +85°C
Power save modes:
<4µA Power Down mode typical @3.3V I/O
Atmel-42487B-ATWINC1500B-MU_Datasheet_03/2016


Número de pieza similar - ATWINC1500B-MU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
More results

Descripción similar - ATWINC1500B-MU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
logo
Microchip Technology
ATWINC3400A-MU MICROCHIP-ATWINC3400A-MU Datasheet
1Mb / 45P
   ATWINC3400A-MU IEEE® 802.11 b/g/n Network Controller with Integrated Bluetooth® SoC
2020
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWINC3400 ATMEL-ATWINC3400 Datasheet
1Mb / 35P
   Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
logo
Murata Manufacturing Co...
SN820X MURATA-SN820X Datasheet
155Kb / 2P
   Wi-Fi 802.11 b/g/n Network Controller Module
logo
Cypress Semiconductor
BCM43903KUBGT CYPRESS-BCM43903KUBGT Datasheet
1Mb / 87P
   WICED??IEEE 802.11 b/g/n SoC with an Embedded Applications Processor
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com