Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATZB-RF-233-1-C Datasheet(PDF) 17 Page - ATMEL Corporation

No. de pieza ATZB-RF-233-1-C
Descripción Electrónicos  ZIGBIT 2.4GHZ WIRELESS MODULES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATZB-RF-233-1-C Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATZB-RF-233-1-C Datasheet HTML 12Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 13Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 14Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 15Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 16Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 17Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 18Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 19Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ATZB-RF-233-1-C ZigBit 2.4GHz Wireless Modules [DATASHEET]
42192C
−WIRELESS−08/2015
17
7.
Agency Certifications
7.1
United States (FCC)
This equipment complies with Part 15 of the FCC rules and regulations. To fulfill FCC Certification requirements, an
OEM manufacturer must comply with the following regulations:
The ATZB-RF-233-1-C modular transmitter must be labeled with its own FCC ID number, and, if the FCC ID is
not visible when the module is installed inside another device, then the outside of the device into which the
module is installed must also display a label referring to the enclosed module. This exterior label can use
wording such as the following:
IMPORTANT: Contains FCC ID: VW4A091729. This equipment complies with Part 15 of the FCC Rules. Operation
is subject to the following two conditions: (1) this device may not cause harmful interference, and (2) this device
must accept any interference received, including interference that may cause undesired operation (FCC 15.19).
The internal antenna used for this mobile transmitter must provide a separation distance of at least 20 cm from all
persons and must not be colocated or operating in conjunction with any other antenna or transmitter.
Installers must be provided with antenna installation instructions and transmitter operating conditions for satisfying RF
exposure compliance. This device is approved as a mobile device with respect to RF exposure compliance, and may
only be marketed to OEM installers. Use in portable exposure conditions (FCC 2.1093) requires separate equipment
authorization.
IMPORTANT: Modifications not expressly approved by this company could void the user's authority to operate this
equipment (FCC section 15.21).
IMPORTANT: This equipment has been tested and found to comply with the limits for a Class B digital device,
pursuant to Part 15 of the FCC Rules. These limits are designed to provide reasonable protection against harmful
interference when the equipment is operated in a commercial environment. This equipment generates, uses, and
can radiate radio frequency energy and, if not installed and used in accordance with the instruction manual, may
cause harmful interference to radio communications. Operation of this equipment in a residential area is likely to
cause harmful interference in which case the user will be required to correct the interference at his own expense
(FCC section 15.105).
7.2
European Union (ETSI)
The ATZB-RF-233-1-C Module has been certified for use in European Union countries. If these modules are
incorporated into a product, the manufacturer must ensure compliance of the final product to the European harmonized
EMC and lowvoltage/safety standards. A Declaration of Conformity must be issued for each of these standards and
kept on file as described in Annex II of the R&TTE Directive.
Furthermore, the manufacturer must maintain a copy of the modules' documentation and ensure the final product does
not exceed the specified power ratings, antenna specifications, and/or installation requirements as specified in the user
manual. If any of these specifications are exceeded in the final product, a submission must be made to a notified body
for compliance testing to all required standards.


Número de pieza similar - ATZB-RF-233-1-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C_14 Datasheet
1,008Kb / 22P
   ZIGBIT 2.4GHZ WIRELESS MODULES
More results

Descripción similar - ATZB-RF-233-1-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATZB-X0-256-3-0-C ATMEL-ATZB-X0-256-3-0-C_14 Datasheet
1Mb / 28P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C_14 Datasheet
1,008Kb / 22P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-B0 ATMEL-ATZB-24-B0_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-A24-UFLB ATMEL-ATZB-A24-UFLB_14 Datasheet
3Mb / 22P
   ZIGBIT 2.4GHZ AMPLIFIED WIRELESS
ATZB-X0-256-4-0-CN ATMEL-ATZB-X0-256-4-0-CN_14 Datasheet
1Mb / 26P
   ZIGBIT 900MHZ WIRELESS MODULES
ATZB-S1-256-3-0-C ATMEL-ATZB-S1-256-3-0-C Datasheet
1Mb / 27P
   ZigBit 2.4GHz Single chip Wireless Module
ATZB-S1-256-3-0-U ATMEL-ATZB-S1-256-3-0-U_14 Datasheet
971Kb / 25P
   ZigBit 2.4GHz Single Chip Wireless Module
ATZB-RF-212B-0-CN ATMEL-ATZB-RF-212B-0-CN_14 Datasheet
794Kb / 23P
   ZIGBIT 900MHZ WIRELESS MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com