Nombre de pieza
         Descripción
NTE251

 Silicon Complementary Transistors Darlington Power Amplifier ( 3 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Collector–Emitter SustainingVoltage
VCEO(sus) IC = 100mA, IB = 0
100
V
Collector Cutoff Current
ICEO
VCE = 50V, IE = 0
1.0
mA
ICEX
VCE = 100V, VBE(off) = 1.5V
0.5
mA
VCE = 100V, VBE(off) = 1.5V,
TA = +150°C
5.0
mA
Emitter Cutoff Current
IEBO
VBE = 5V, IC = 0
2.0
mA
ON Characteristics (Note 1)
DC Current Gain
hFE
VCE = 3V, IC = 10A
750
18000
VCE = 3V, IC = 20A
100
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 10A, IB = 40mA
2.0
V
IC = 20A, IB = 200mA
3.0
V
Base–Emitter Saturation Voltage
VBE(sat)
IC = 20A, IB = 200mA
4.0
V
Base–Emitter ON Voltage
VBE(on)
VCE = 3V, IC = 10A
2.8
V
Dynamic Characteristics
Small–Signal Current Gain
hfe
VCE = 3V, IC = 10A, f = 1kHz
300
Magnitude of Common Emitter
Small–Signal Short–Circuit
Forward Current Transfer Ratio
|hfe|
VCE = 3V, IC = 10A, f = 1MHz
4.0
MHz
Output Capacitance
NTE251
NTE252
Cob
VCB = 10V, IE = 0, f = 0.1MHz
400
600
pF
Note 1. Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2%
Schematic Diagram
NPN
PNP
B
C
E
B
C
E
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE253Silicon Complementary Transistors Darlington Power Amplifier 1 2 NTE Electronics
NTE261Silicon Complementary Transistors Darlington Power Amplifier 1 2 NTE Electronics
NTE263Silicon Complementary Transistors Darlington Power Amplifier 1 2 NTE Electronics
NTE2345Silicon Complementary Transistors General Purpose Darlington Power Amplifier 1 2 NTE Electronics
NTE268Silicon Complementary Transistors Darlington Power Amplifier 1 2 NTE Electronics
NTE274Silicon Complementary Transistors Darlington Power Amplifier Switch 1 2 NTE Electronics
NTE243Silicon Complementary Transistors Darlington Power Amplifier 1 2 NTE Electronics
NTE245Silicon Complementary Transistors Darlington Power Amplifier 1 2 NTE Electronics
NTE247Silicon Complementary Transistors Darlington Power Amplifier 1 2 NTE Electronics
NTE249Silicon Complementary Transistors Darlington Power Amplifier 1 2 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl