Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC-5623SW Datasheet(PDF) 9 Page - Lite-On Technology Corporation

No. de pieza LTC-5623SW
Descripción Electrónicos  LED Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITEON [Lite-On Technology Corporation]
Página de inicio  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-5623SW Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTC-5623SW Datasheet HTML 2Page - Lite-On Technology Corporation LTC-5623SW Datasheet HTML 3Page - Lite-On Technology Corporation LTC-5623SW Datasheet HTML 4Page - Lite-On Technology Corporation LTC-5623SW Datasheet HTML 5Page - Lite-On Technology Corporation LTC-5623SW Datasheet HTML 6Page - Lite-On Technology Corporation LTC-5623SW Datasheet HTML 7Page - Lite-On Technology Corporation LTC-5623SW Datasheet HTML 8Page - Lite-On Technology Corporation LTC-5623SW Datasheet HTML 9Page - Lite-On Technology Corporation LTC-5623SW Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-5623SW
PAGE:
8 of 9
BNS-OD-C131/A4
Bin Code List
VF Spec. Table
VF Bin
Forward Voltage
(V) at IF = 5mA
Min.
Max.
3
2.70
2.80
4
2.80
2.90
5
2.90
3.00
6
3.00
3.10
7
3.10
3.20
Tolerance on each Forward Voltage bin is +/-0.1 volt
IV Spec. Table
IV Bin
Luminous Intensity (mcd) at IF = 5mA
Min.
Max.
Q11
71.0
81.0
Q12
81.0
90.0
Q21
90.0
101.0
Q22
101.0
112.0
R11
112.0
129.0
R12
129.0
146.0
R21
146.0
165.0
Tolerance on each Luminous Intensity bin is +/- 15%.


Número de pieza similar - LTC-5623SW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
LTC-5623SW-14 LITEON-LTC-5623SW-14 Datasheet
429Kb / 7P
   LED Display
More results

Descripción similar - LTC-5623SW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLG346S TOSHIBA-TLG346S Datasheet
259Kb / 6P
   LED DISPLAY
logo
SHENZHEN YONGERJIA INDU...
WEJS0402RG2-1 WINNERJOIN-WEJS0402RG2-1 Datasheet
249Kb / 1P
   LED display
WEJS43 WINNERJOIN-WEJS43 Datasheet
246Kb / 1P
   LED display
logo
Lite-On Technology Corp...
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
   LED DISPLAY
LTS-4817CTB-P LITEON-LTS-4817CTB-P Datasheet
525Kb / 12P
   LED Display
LTS-5325CTB-P LITEON-LTS-5325CTB-P Datasheet
522Kb / 11P
   LED Display
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
   LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
   LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
   LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
   LED Display
LTG-1163M LITEON-LTG-1163M Datasheet
465Kb / 10P
   LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com