Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTD-2404SW-P Datasheet(PDF) 2 Page - Lite-On Technology Corporation

No. de pieza LTD-2404SW-P
Descripción Electrónicos  LED Display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITEON [Lite-On Technology Corporation]
Página de inicio  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTD-2404SW-P Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTD-2404SW-P Datasheet HTML 1Page - Lite-On Technology Corporation LTD-2404SW-P Datasheet HTML 2Page - Lite-On Technology Corporation LTD-2404SW-P Datasheet HTML 3Page - Lite-On Technology Corporation LTD-2404SW-P Datasheet HTML 4Page - Lite-On Technology Corporation LTD-2404SW-P Datasheet HTML 5Page - Lite-On Technology Corporation LTD-2404SW-P Datasheet HTML 6Page - Lite-On Technology Corporation LTD-2404SW-P Datasheet HTML 7Page - Lite-On Technology Corporation LTD-2404SW-P Datasheet HTML 8Page - Lite-On Technology Corporation LTD-2404SW-P Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTD-2404SW-P
PAGE:
1 of
13
BNS-OD-C131/A4
LED DISPLAY
LTD-2404SW-P
DATA SHEET
ITEM
Description
By
DATE
1
New Spec
Reo Lin
2012/08/31
2
2.1 Modify Package Dimensions In Page 3
2.2 Add Packing Drawing In Page 11
Reo Lin
2012/10/03
3
Modify plastic’s burr spec. from 0.14
mm to
0.05 mm in Page 3
Reo Lin
2012/12/26


Número de pieza similar - LTD-2404SW-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
LTD-2601B LITEON-LTD-2601B Datasheet
177Kb / 5P
   0.28-inch (7.0-mm) DIGIT HEIGHT
LTD-2601G LITEON-LTD-2601G Datasheet
363Kb / 6P
   LED Display
LTD-2601G-11 LITEON-LTD-2601G-11 Datasheet
208Kb / 5P
   0.28-inch (7.0-mm) DIGIT HEIGHT
LTD-2601WC LITEON-LTD-2601WC Datasheet
138Kb / 5P
   CONTINOUS UNIFORM SEGMENTS
LTD-2701B LITEON-LTD-2701B Datasheet
177Kb / 5P
   0.28-inch (7.0-mm) DIGIT HEIGHT
More results

Descripción similar - LTD-2404SW-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLG346S TOSHIBA-TLG346S Datasheet
259Kb / 6P
   LED DISPLAY
logo
SHENZHEN YONGERJIA INDU...
WEJS0402RG2-1 WINNERJOIN-WEJS0402RG2-1 Datasheet
249Kb / 1P
   LED display
WEJS43 WINNERJOIN-WEJS43 Datasheet
246Kb / 1P
   LED display
logo
Lite-On Technology Corp...
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
   LED DISPLAY
LTS-4817CTB-P LITEON-LTS-4817CTB-P Datasheet
525Kb / 12P
   LED Display
LTS-5325CTB-P LITEON-LTS-5325CTB-P Datasheet
522Kb / 11P
   LED Display
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
   LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
   LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
   LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
   LED Display
LTG-1163M LITEON-LTG-1163M Datasheet
465Kb / 10P
   LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com