Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51988 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

No. de pieza ES51988
Descripción Electrónicos  3 3/4 AUTO REL/MAX/MIN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

ES51988 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ES51988 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 10Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
91年11月28日
ES51988
3 3/4 AUTO REL/MAX/MIN
Operation Mode
(1) Measurement Description
Voltage Measurement
Resistive divider is automatically changed to provide in range reading
for 399.9mV to 3999V full scale reading. The following table shows
the various full scale range.
Range
Full scale
Resistive Ratio
VR1
VR2
VR3
VR4
VR5
399.9 mV
3.999 V
39.99 V
399.9 V
3999 V
1
, 1/1
R2/(R1+R2) , 1/10
R3/(R1+R3) , 1/100
R4/(R1+R4) , 1/1000
R5/(R1+R5) , 1/10000
Resistance Measurement
Resistive divider is automatically changed to provide the proper range.
The following table shows the various full scale range.
Range
Full Scale
Reference Resistor
OR1
399.9 Ω
OR2
3.999 KΩ
OR3
39.99 KΩ
OR4
399.9 KΩ
OR5
3.999 MΩ
OR6
39.99 MΩ
R6(100Ω)
R5(1KΩ)
R4(10KΩ)
R1||R3(=100KΩ)
R1||R2(=1MΩ)
R1(10MΩ)
Current Measurement
In the current measurement mode , there are three range selections :
Mode
Range Selection Full Scale
Automatic Mode 1
uA
399.9 uA
3999 uA
Automatic Mode 2
mA
39.99 mA
399.9 mA
Manual Mode
A
39.99 A
When the mode changes among (uA, mA, A), the original AC/DC
state will keep.


Número de pieza similar - ES51988

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51988 CYRUSTEK-ES51988 Datasheet
260Kb / 22P
   3 3/4 AUTO REL/MAX/MIN
More results

Descripción similar - ES51988

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51988 CYRUSTEK-ES51988 Datasheet
260Kb / 22P
   3 3/4 AUTO REL/MAX/MIN
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51977 CYRUSTEK-ES51977 Datasheet
270Kb / 21P
   3 3/4 AUTO EASY
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com