Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51988 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza ES51988
Descripción Electrónicos  3 3/4 AUTO REL/MAX/MIN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

ES51988 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ES51988 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES51988 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
91年11月28日
ES51988
3 3/4 AUTO REL/MAX/MIN
Features:
Full Automatic measurement
3 3/4 digits display
Frequency measurement (40M HZ)
Rotary or push setting mode
Auto-power-off then hold the final data
Rotary or push re-power on function
Data hold, MAX/MIN hold, Relative
data when this function is pressed
Low battery detect (3V & 9V)
On chip buzzer driver
3V DC power supply
Internal AC to DC conversion OP AMP
If non_AC mode , OP will become unit
gain buffer.
Serial Data Output (RS232 format)
LCD segment check
100 Pin flat-package
Description:
The ES51988 is an integrated analog-
to-digital converter (ADC)with 3 3/4 digits
and 42-segment bargraph LCD display,
automatic range, and 3V battery power
supply.
Automatic range selection is provided
for voltage (AC/DC) measurement, ohm
measurement, current(uA and mA)
measurement,and frequency counter. The
ES51988 also provides serial data output
function.
Expensive and bulky mechanical range
switches are not required. The other
functions are provided for MAX and MIN
holding and current value display, data
holding, Relative data and reference value
display, low battery detection, auto-power-
off, diode measurement, continuity
checking.
Absolute Maximum Ratings
Characteristics
Ratings
Supply Voltage (V- to AGND)
-4V
Analog Input Voltage
V+ to V-
Digital Input
V- to DGND
Power Dissipation Flat Package
500mW
Operating Temperature
0℃ to 70℃
Storage Temperature
-25℃ to 125℃


Número de pieza similar - ES51988

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51988 CYRUSTEK-ES51988 Datasheet
260Kb / 22P
   3 3/4 AUTO REL/MAX/MIN
More results

Descripción similar - ES51988

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51988 CYRUSTEK-ES51988 Datasheet
260Kb / 22P
   3 3/4 AUTO REL/MAX/MIN
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51977 CYRUSTEK-ES51977 Datasheet
270Kb / 21P
   3 3/4 AUTO EASY
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com