Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS882Z18B-100 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza GS882Z18B-100
Descripción Electrónicos  8Mb Pipelined and Flow Through Synchronous NBT SRAMs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

GS882Z18B-100 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GS882Z18B-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS882Z18B-100 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS882Z18B-100 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS882Z18B-100 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS882Z18B-100 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS882Z18B-100 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS882Z18B-100 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS882Z18B-100 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS882Z18B-100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Rev: 1.15 6/2001
4/34
© 1998, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
Preliminary.
GS882Z18/36B-11/100/80/66
GS882Z18/36 BGA Pin Description
Pin Location
Symbol
Type
Description
P4, N4
A0, A1
I
Address field LSBs and Address Counter Preset Inputs
A2, A3, A5, A6, B3, B5, C2, C3, C5,
C6, G4, R2, R6, T3, T5
An
I
Address Inputs
T4
An
I
Address Inputs (x36 Version)
T2, T6
NC
No Connect (x36 Version)
T2, T6
An
I
Address Inputs (x18 Version)
K7, L7, N7, P7, K6, L6, M6, N6, P6
H7, G7, E7, D7, H6, G6, F6, E6, D6
H1, G1, E1, D1, H2, G2, F2, E2, D2
K1, L1, N1, P1, K2, L2, M2, N2, P2
DQA1–DQPA9
DQB1–DQPB9
DQC1–DQPC9
DQD1–DQPD9
I/O
Data Input and Output pins (x36 Version)
L5, G5, G3, L3
BA, BB, BC, BD
I
Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low ( x36 Version)
P7, N6, L6, K7, H6, G7, F6, E7, D6
D1, E2, G2, H1, K2, L1, M2, N1, P2
DQA1–DQA9
DQB1–DQB9
I/O
Data Input and Output pins (x18 Version)
L5, G3
BA, BB
I
Byte Write Enable for DQA, DQB Data I/Os; active low ( x18 Version)
P6, N7, M6, L7, K6, H7, G6, E6, D7,
D2, E1, F2, G1, H2, K1, L2, N2, P1,
G5, L3, T4
NC
No Connect (x18 Version)
K4
CK
I
Clock Input Signal; active high
M4
CKE
I
Clock Input Buffer Enable; active low
H4
W
I
Write Enable—Writes all enabled bytes; active low
E4
E1
I
Chip Enable; active low
B2
E2
I
Chip Enable; active high
B6
E3
I
Chip Enable; active low
F4
G
I
Output Enable; active low
B4
ADV
I
Burst address counter advance enable; active high
T7
ZZ
I
Sleep Mode control; active high
R5
FT
I
Flow Through or Pipeline mode; active low
R3
LBO
I
Linear Burst Order mode; active low
R7
PE
I
Parity Bit Enable; active low (High = x16/32 Mode, Low = x18/36 Mode)
J3
DP
I
Data Parity Mode Input; 1 = Even, 0 = Odd
J5
QE
O
Parity Error Out; Open Drain Output
D4
ZQ
I
FLXDrive Output Impedance Control
(Low = Low Impedance [High Drive], High = High Impedance [Low Drive])
B1, C1, R1, T1, L4, B7, C7, U6
NC
No Connect


Número de pieza similar - GS882Z18B-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-150 GSI-GS882Z18BB-150 Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-150I GSI-GS882Z18BB-150I Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-150IT GSI-GS882Z18BB-150IT Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-150IV GSI-GS882Z18BB-150IV Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Descripción similar - GS882Z18B-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS880Z18T-100 GSI-GS880Z18T-100 Datasheet
404Kb / 25P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS881Z18T GSI-GS881Z18T Datasheet
523Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T-V GSI-GS8320Z18T-V Datasheet
1,013Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E GSI-GS8321Z18E Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8160Z36DGT-200I GSI-GS8160Z36DGT-200I Datasheet
246Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8160Z36DGT-250IV GSI-GS8160Z36DGT-250IV Datasheet
240Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS841Z18AT GSI-GS841Z18AT Datasheet
655Kb / 30P
   4Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E-V GSI-GS8321Z18E-V Datasheet
1Mb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com