Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SKP15N60 Datasheet(PDF) 2 Page - Infineon Technologies AG

No. de pieza SKP15N60
Descripción Electrónicos  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKP15N60 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SKP15N60 Datasheet HTML 1Page - Infineon Technologies AG SKP15N60 Datasheet HTML 2Page - Infineon Technologies AG SKP15N60 Datasheet HTML 3Page - Infineon Technologies AG SKP15N60 Datasheet HTML 4Page - Infineon Technologies AG SKP15N60 Datasheet HTML 5Page - Infineon Technologies AG SKP15N60 Datasheet HTML 6Page - Infineon Technologies AG SKP15N60 Datasheet HTML 7Page - Infineon Technologies AG SKP15N60 Datasheet HTML 8Page - Infineon Technologies AG SKP15N60 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SKP15N60,
SKB15N60
SKW15N60
2Jul-02
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction – case
R thJC
0.9
Diode thermal resistance,
junction – case
R thJC D
1.7
Thermal resistance,
junction – ambient
R thJA
TO-220AB
TO-247AC
62
40
SMD version, device on PCB
1)
R thJA
TO-263AB
40
K/W
Electrical Characteristic, at Tj = 25
°C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Static Characteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V, IC =500
µA
600
-
-
Collector-emitter saturation voltage
VCE(sat )
VGE = 15 V, IC =15A
T j =2 5
°C
T j =150
°C
1.7
-
2
2.3
2.4
2.8
Diode forward voltage
VF
VGE =0V, IF =15A
T j =2 5
°C
T j =150
°C
1.2
-
1.4
1.25
1.8
1.65
Gate-emitter threshold voltage
VGE(th)
I C =400
µA,V
CE = V GE
34
5
V
Zero gate voltage collector current
I CE S
VCE =600V, V GE =0V
T j =2 5
°C
T j =150
°C
-
-
-
-
40
2000
µA
Gate-emitter leakage current
I GE S
VCE =0V, VGE =20V
-
-
100
nA
Transconductance
g fs
VCE =20V, IC =15A
3
10.9
-
S
Dynamic Characteristic
Input capacitance
C iss
-
800
960
Output capacitance
C os s
-
84
101
Reverse transfer capacitance
C rs s
VCE =25V,
VGE =0V,
f =1M H z
-52
62
pF
Gate charge
Q Gat e
VCC =480V, I C =15A
VGE =15V
-76
99
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
L E
TO - 2 2 0 A B
TO - 2 4 7 A C
-
-
7
13
-
-
nH
Short circuit collector current
2)
I C( SC )
VGE =15V,t SC
≤10µs
VCC
≤ 600V,
T j
≤ 150°C
-
150
-
A
1) Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70
µm thick) copper area for
collector connection. PCB is vertical without blown air.
2) Allowed number of short circuits: <1000; time between short circuits: >1s.


Número de pieza similar - SKP15N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SKP15N60 INFINEON-SKP15N60 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
More results

Descripción similar - SKP15N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW20N60 INFINEON-SKW20N60 Datasheet
400Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-00
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com