Nombre de pieza
         Descripción
NSAD500S

 SURGE ABSORBER DEVICES ( 5 Page)


NEC
100% 
Zoom Out Zoom In
   
 1 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SURGE ABSORBER DEVICES
NSAD500S
ELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES
DUAL TYPE: COMMON ANODE
SC-70 PACKAGE
DATA SHEET
Document No. D16405EJ1V0DS00 (1st edition)
Date Published March 2003 NS CP(K)
Printed in Japan
2003
DESCRIPTION
This product series is a low capacity for ESD surge absorber
devices. Use by 100 to 500 Mbps class data line (USB2.0,
IEEE1394, 100B, etc.).
Based on the IEC 61000-4-2 test on electromagnetic interference
(EMI), the devices assures an endurance of no less than 8 kV, thus
making itself most suitable for external high signal interface circuit
protection.
FEATURES
• Base on the electrostatic discharge immunity test (IEC 61000-4-2)
product assures the minimum endurance of 8 kV.
• Capacitance: 3.5 pF TYP.
It’s an extraordinarily small capacitance.
• With 2 elements mounted (common anode).
Mounted in the SC-70 package, the products can achiever high
density and automatic packaging.
APPLICATIONS
• USB2.0, IEEE1394, 100B external interface circuit ESD protection.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
ITEM
SYMBOL
RATING
UNIT
REMARK
Power Dissipation
P
150
mW
Total
Surge Reverse Power
PRSM
2 (t = 10
µs, 1 pulse)
W
Junction Temperature
Tj
150
oC
Storage Temperature
Tstg
−55 to +150
oC
PACKAGE DRAWING (Unit: mm)
2.1
± 0.1
1.25
± 0.1
3
Marking
2
1
ELECTRODE CONNECTION
K2
2
K1
1
3
A
1. K1: Cathode 1
2. K2: Cathode 2
3. A:
Anode (common)
1  2  3  4  5 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NSAD500FELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES DUAL TYPE: COMMON ANODE SC-59 PACKAGE 1 2 3 4 5 NEC
NSAD500HELECTROSTATIC DISCHARGE SURGE ABSORBER DEVICES QUAD TYPE: COMMON ANODE SC-88A PACKAGE 1 2 3 4 5 NEC
ZL70002Medical Surge Protection Devices 1 2 3 4 5 MoreZarlink Semiconductor Inc
SN54ABT18640SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH18502A3.3-V ABT SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS 1 2 3 4 5 MoreTexas Instruments
LT1P53A3.3X2.9mm 1.1mm Thickness Milky Diffusion Chip LED Devices 1 2 3 4 Sharp Electrionic Components
HD74HC157These devices each consist of four 2-input digital multiplexers with common select and strobe inputs 1 2 3 4 5 MoreHitachi Semiconductor
PC87391100-Pin LPC SuperI/O Devices for Portable Applications 1 2 3 4 5 MoreNational Semiconductor
ISD1100SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AND8090AC Characteristics of ECL Devices 1 2 3 4 5 MoreON Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl