Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HUFA76504DK8 Datasheet(PDF) 11 Page - Fairchild Semiconductor

No. de pieza HUFA76504DK8
Descripción Electrónicos  2.3A, 80V, 0.222 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76504DK8 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button HUFA76504DK8 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 9Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 10Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 11Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 12Page - Fairchild Semiconductor HUFA76504DK8 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A, June 4, 2001
SPICE Thermal Model
REV 18 January 2001
HUFA76504DK8
Copper Area = 0.38 in2
CTHERM1 th 8 8.5e-4
CTHERM2 8 7 1.8e-3
CTHERM3 7 6 5.0e-3
CTHERM4 6 5 1.3e-2
CTHERM5 5 4 4.0e-2
CTHERM6 4 3 1.5e-1
CTHERM7 3 2 6.5e-1
CTHERM8 2 tl 3.0
RTHERM1 th 8 3.5e-2
RTHERM2 8 7 6.0e-1
RTHERM3 7 6 2
RTHERM4 6 5 8
RTHERM5 5 4 18
RTHERM6 4 3 20
RTHERM7 3 2 29
RTHERM8 2 tl 31
SABER Thermal Model
Copper Area = 0.38 in2
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 8 = 8.5e-4
ctherm.ctherm2 8 7 = 1.8e-3
ctherm.ctherm3 7 6 = 5.0e-3
ctherm.ctherm4 6 5 = 1.3e-2
ctherm.ctherm5 5 4 = 4.0e-2
ctherm.ctherm6 4 3 = 1.5e-1
ctherm.ctherm7 3 2 = 6.5e-1
ctherm.ctherm8 2 tl = 3.0
rtherm.rtherm1 th 8 = 3.5e-2
rtherm.rtherm2 8 7 = 6.0e-1
rtherm.rtherm3 7 6 = 2
rtherm.rtherm4 6 5 = 8
rtherm.rtherm5 5 4 = 18
rtherm.rtherm6 4 3 = 20
rtherm.rtherm7 3 2 = 29
rtherm.rtherm8 2 tl = 31
}
RTHERM6
RTHERM8
RTHERM7
RTHERM5
RTHERM4
RTHERM3
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
7
JUNCTION
AMBIENT
8
th
RTHERM2
RTHERM1
CTHERM7
CTHERM8
TABLE 1. Thermal Models
COMPONANT
0.02 in2
0.14 in2
0.257 in2
0.38 in2
0.493 in2
CTHERM6
9.0e-2
1.3e-1
1.5e-1
1.5e-1
1.5e-1
CTHERM7
4.0e-1
6.0e-1
4.5e-1
6.5e-1
7.5e-1
CTHERM8
1.4
2.5
2.2
3
3
RTHERM6
39
26
20
20
20
RTHERM7
42
32
31
29
23
RTHERM8
48
35
38
31
25
HUFA76504DK8


Número de pieza similar - HUFA76504DK8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
HUFA76404DK8T FAIRCHILD-HUFA76404DK8T Datasheet
652Kb / 12P
   N-Channel Dual MOSFET
HUFA76407D3 FAIRCHILD-HUFA76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76407D3S FAIRCHILD-HUFA76407D3S Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76407DK8 FAIRCHILD-HUFA76407DK8 Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
More results

Descripción similar - HUFA76504DK8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HUF76105DK8 INTERSIL-HUF76105DK8 Datasheet
176Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76407DK8 FAIRCHILD-HUFA76407DK8 Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76113DK8 INTERSIL-HUF76113DK8 Datasheet
210Kb / 12P
   6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76105DK8 FAIRCHILD-HUF76105DK8 Datasheet
317Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUF76407DK8 FAIRCHILD-HUF76407DK8 Datasheet
262Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76407DK8 INTERSIL-HUF76407DK8 Datasheet
375Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113DK8 FAIRCHILD-HUF76113DK8 Datasheet
347Kb / 12P
   6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
RFP15N08L INTERSIL-RFP15N08L Datasheet
40Kb / 5P
   15A, 80V, 0.140 Ohm, Logic Level, N-Channel Power MOSFET
HUF75531SK8 INTERSIL-HUF75531SK8 Datasheet
183Kb / 12P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUF75545P3 INTERSIL-HUF75545P3 Datasheet
96Kb / 9P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com