Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMC40202 Datasheet(PDF) 8 Page - OPTREX CORPORATION

No. de pieza DMC40202
Descripción Electrónicos  LCD Module Specification
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTREX [OPTREX CORPORATION]
Página de inicio  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMC40202 Datasheet(HTML) 8 Page - OPTREX CORPORATION

Back Button DMC40202 Datasheet HTML 4Page - OPTREX CORPORATION DMC40202 Datasheet HTML 5Page - OPTREX CORPORATION DMC40202 Datasheet HTML 6Page - OPTREX CORPORATION DMC40202 Datasheet HTML 7Page - OPTREX CORPORATION DMC40202 Datasheet HTML 8Page - OPTREX CORPORATION DMC40202 Datasheet HTML 9Page - OPTREX CORPORATION DMC40202 Datasheet HTML 10Page - OPTREX CORPORATION DMC40202 Datasheet HTML 11Page - OPTREX CORPORATION DMC40202 Datasheet HTML 12Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DMC40202NY-LY-AFE
(AR)
No.99-0205
OPTREX CORPORATION
Page 8/16
OPTREX
4.I/O Terminal
4.1.Pin Assignment
No.
Symbol
Level
Function
1
VSS
Power Supply (0V, GND)
2
VDD
Power Supply for Logic
3
VEE
Power Supply for LCD Drive
4
RS
H / L
Register Select Signal
5
R/W
H / L
Read/Write Select Signal
H : Read
L : Write
6
E
H / L
Enable Signal (No pull-up Resister)
7
DB0
H / L
Data Bus Line / Non-connection at 4-bit operation
8
DB1
H / L
Data Bus Line / Non-connection at 4-bit operation
9
DB2
H / L
Data Bus Line / Non-connection at 4-bit operation
10
DB3
H / L
Data Bus Line / Non-connection at 4-bit operation
11
DB4
H / L
Data Bus Line
12
DB5
H / L
Data Bus Line
13
DB6
H / L
Data Bus Line
14
DB7
H / L
Data Bus Line
15
LED CATHODE
LED Cathode Terminal
16
LED ANODE
LED Anode Terminal
4.2.Example of Power Supply
It is recommended to apply a potentiometer for the contrast adjust due to the tolerance
of the driving voltage and its temperature dependence.
MODULE
VDD
VEE
VSS
VDD(+Voltage)
VR=10~20KΩ
VSS (0V)
VR


Número de pieza similar - DMC40202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPTREX CORPORATION
DMC40218 OPTREX-DMC40218 Datasheet
165Kb / 15P
   LCD Module
logo
Diodes Incorporated
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
   40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
DMC4028SSD-13 DIODES-DMC4028SSD-13 Datasheet
312Kb / 11P
   40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
DMC4028SSDQ-13 DIODES-DMC4028SSDQ-13 Datasheet
312Kb / 11P
   40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
DMC4028SSD DIODES-DMC4028SSD_15 Datasheet
312Kb / 11P
   40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMC40202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com