Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1671 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD1671
Descripción Electrónicos  12-Bit A/D Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1671 Datasheet(HTML) 4 Page - Analog Devices

  AD1671 Datasheet HTML 1Page - Analog Devices AD1671 Datasheet HTML 2Page - Analog Devices AD1671 Datasheet HTML 3Page - Analog Devices AD1671 Datasheet HTML 4Page - Analog Devices AD1671 Datasheet HTML 5Page - Analog Devices AD1671 Datasheet HTML 6Page - Analog Devices AD1671 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AD1671
ASD0010777 Rev. M | Page 4 of 7
Table I (Continued)
TABLE I NOTES:
1/
VCC = +5V, VEE = -5V, VLOGIC = +5V, unless otherwise specified.
2/
This parameter is guaranteed, but not necessarily tested.
3/
RIN values are typical values only.
4/
The AD1671 includes an onboard +2.5 V reference. The reference input pin (REF IN) can be connected
to reference output pin (REF OUT) or a standard external +2.5 V reference can be selected to meet
specific system requirements. Fast switching input dependent currents are modulated at the reference
input. The reference input voltage can be held with the use of a capacitor. To prevent the AD1671’s
onboard reference from oscillating when not connected to REF IN, REF OUT must be connected to +5 V.
It is possible to connect REF OUT to +5 V due to its output circuit implementation which shuts down the
reference
Encode Pulse High
Figure 3.Timing Diagrams
Parameter
Symbol
Conditions
Sub-
Limit
Limit
Units
See notes at end of table
Note 1/
group
Min
Max
Encode width high (short
encode)
tENC
See figure 3 2/
9,10,11
20
50
ns
Encode width Low (long
encode)
tENCL
See figure 3 2/
9,10,11
20
DAV pulse width
tDAV
See figure 3
9,10,11
150
300
Encode falling edge delay
tF
See figure 3 2/
90
Start new conversion delay
tR
See figure 3 2/
90
Data and QTR delay from DAV
falling edge
tDD
See figure 3 2/
9
20
Data and OTR delay from DAV
rising edge
tSS
See figure 3 2/
9
20


Número de pieza similar - AD1671

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1671 AD-AD1671 Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD1671AP AD-AD1671AP Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD1671AQ AD-AD1671AQ Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD1671JP AD-AD1671JP Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD1671JQ AD-AD1671JQ Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
More results

Descripción similar - AD1671

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
   12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
   12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
ADC124S051 TI1-ADC124S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit A/D Converter
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
logo
List of Unclassifed Man...
KAD5512P-50 ETC2-KAD5512P-50 Datasheet
664Kb / 28P
   12-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com