Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9271BSVZ-40 Datasheet(PDF) 35 Page - Analog Devices

No. de pieza AD9271BSVZ-40
Descripción Electrónicos  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9271BSVZ-40 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9271BSVZ-40 Datasheet HTML 31Page - Analog Devices AD9271BSVZ-40 Datasheet HTML 32Page - Analog Devices AD9271BSVZ-40 Datasheet HTML 33Page - Analog Devices AD9271BSVZ-40 Datasheet HTML 34Page - Analog Devices AD9271BSVZ-40 Datasheet HTML 35Page - Analog Devices AD9271BSVZ-40 Datasheet HTML 36Page - Analog Devices AD9271BSVZ-40 Datasheet HTML 37Page - Analog Devices AD9271BSVZ-40 Datasheet HTML 38Page - Analog Devices AD9271BSVZ-40 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
AD9271
Rev. B | Page 34 of
60
External Reference Operation
Internal Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or to improve thermal drift charac-
teristics. Figure 69 shows the typical drift characteristics of the
internal reference in 1 V mode.
A comparator within the AD9271 detects the potential at the
SENSE pin and configures the reference. If SENSE is grounded,
the reference amplifier switch is connected to the internal
resistor divider (see Figure 66), setting VREF to 1 V.
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. The external
reference is loaded with an equivalent 6 kΩ load. An internal
reference buffer generates the positive and negative full-scale
references, REFT and REFB, for the ADC core. Therefore, the
external reference must be limited to a nominal voltage of 1.0 V.
The REFT and REFB pins establish their input span of the ADC
core from the reference configuration. The analog input full-
scale range of the ADC equals twice the voltage at the reference
pin for either an internal or an external reference configuration.
1µF
0.1µF
VREF
SENSE
0.5V
REFT
0.1µF
0.1µF
4.7µF
0.1µF
REFB
SELECT
LOGIC
ADC
CORE
+
VIN–
VIN+
.5
5
0
–5
–10
–15
–20
–25
03
3.0
2.5
2.0
1.5
1.0
0.5
CURRENT LOAD (mA)
Figure 66. Internal Reference Configuration
Figure 68. VREF Accuracy vs. Load, AD9271-50
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
–0.12
–0.14
–0.16
–0.18
–0.20
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
VIN–
VIN+
1µF*
0.1µF*
VREF
SENSE
AVDD
0.5V
REFT
0.1µF
0.1µF
4.7µF
0.1µF
REFB
SELECT
LOGIC
ADC
CORE
+
EXTERNAL
REFERENCE
*OPTIONAL.
Figure 69. Typical VREF Drift, AD9271-50
Figure 67. External Reference Operation


Número de pieza similar - AD9271BSVZ-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9271BSVZ-40 AD-AD9271BSVZ-40 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
More results

Descripción similar - AD9271BSVZ-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9272 AD-AD9272_09 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
AD9273 AD-AD9273_08 Datasheet
65Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9272 AD-AD9272_17 Datasheet
775Kb / 45P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9278 AD-AD9278 Datasheet
910Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9279 AD-AD9279 Datasheet
971Kb / 44P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com