Nombre de pieza
         Descripción
NTE2588

 Silicon NPN Transistor Horizontal Output for HDTV ( 2 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
.402 (10.2) Max
.224 (5.7) Max
.295
(7.5)
.165
(4.2)
.669
(17.0)
Max
.531
(13.5)
Min
.100 (2.54)
.059 (1.5) Max
.114 (2.9) Max
.173 (4.4) Max
BC
E
.122 (3.1)
Dia
NOTE: Tab is isolated
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE2592Silicon NPN Transistor Horizontal Output for HDTV 1 2 NTE Electronics
NTE2641Silicon NPN Transistor Horizontal Deflection Output for High Resolution Displays & Color TVs 1 2 NTE Electronics
2SD1396NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR HORIZONTAL OUTPUT BUILT-IN DAMPER DIODE 1 Sanyo Semicon Device
2SD1399NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR HORIZONTAL OUTPUT BUILT-IN DAMPER DIODE 1 Sanyo Semicon Device
2SD1400NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR CTV HORIZONTAL DEFLECTION OUTPUT 1 Sanyo Semicon Device
NTE62Silicon NPN Transistor High Voltage Horizontal Deflection Output for TV 1 2 NTE Electronics
2SD1401NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR CTV HORIZONTAL DEFLECTION OUTPUT 1 Sanyo Semicon Device
NTE2354Silicon NPN Transistor High Voltage Horizontal Output for High Definition CRT 1 2 NTE Electronics
NTE2521Silicon NPN Transistor Video Output for HDTV 1 2 NTE Electronics
2SD904NPN TRIPLE DIFFUSED MESA TYPE SILICON TRANSISTOR FOR HORIZONTAL DEFLECTION OUTPUT 1 Sanyo Semicon Device

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl