Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9939DY Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI9939DY
Descripción Electrónicos  Complimentary 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9939DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9939DY Datasheet HTML 1Page - Vishay Siliconix SI9939DY Datasheet HTML 2Page - Vishay Siliconix SI9939DY Datasheet HTML 3Page - Vishay Siliconix SI9939DY Datasheet HTML 4Page - Vishay Siliconix SI9939DY Datasheet HTML 5Page - Vishay Siliconix SI9939DY Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Si9939DY
Vishay Siliconix
Document Number: 70146
S-00652—Rev. G, 27-Mar-00
www.vishay.com
S FaxBack 408-970-5600
1
Complimentary 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
NCh
l
30
0.05 @ VGS = 10 V
"3.5
N-Channel
30
0.07 @ VGS = 6 V
"3
0.08 @ VGS = 4.5 V
"2.5
PCh
l
30
0.10 @ VGS = –10 V
"3.5
P-Channel
–30
0.12 @ VGS = –6V
"3
0.16 @ VGS = –4.5 V
"2.5
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
D1 D1
G1
S1
S2
G2
D2 D2
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
–30
V
Gate-Source Voltage
VGS
"20
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
"3.5
"3.5
A
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
"2.8
"2.8
A
Pulsed Drain Current
IDM
"20
"20
A
Continuous Source Current (Diode Conduction)a
IS
1.7
–1.7
Maximum Power Dissipationa
TA = 25_C
PD
2.0
W
Maximum Power Dissipationa
TA = 70_C
PD
1.3
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N- or P- Channel
Unit
Maximum Junction-to-Ambienta
RthJA
62.5
_C/W
Notes
a.
Surface Mounted on FR4 Board, t
v 10 sec.


Número de pieza similar - SI9939DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9933ADY VISHAY-SI9933ADY Datasheet
48Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 27-Mar-00
logo
Fairchild Semiconductor
SI9933ADY FAIRCHILD-SI9933ADY Datasheet
39Kb / 3P
   Dual P-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
SI9933ADY-T1-E3 VBSEMI-SI9933ADY-T1-E3 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI9933BDY VISHAY-SI9933BDY Datasheet
99Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
SI9933BDY VISHAY-SI9933BDY Datasheet
102Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
18-Jul-08
More results

Descripción similar - SI9939DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9942DY VISHAY-SI9942DY Datasheet
77Kb / 6P
   Complimentary 20-V (D-S) MOSFET
Rev. L, 27-Mar-00
SI9928DY VISHAY-SI9928DY Datasheet
93Kb / 6P
   Complimentary 20-V (D-S) MOSFET
Rev. G, 27-Mar-00
SI9942DY-T1 VISHAY-SI9942DY-T1 Datasheet
107Kb / 7P
   Complimentary 20-V (D-S) MOSFET
Rev. L, 27-Mar-00
SI5504DC VISHAY-SI5504DC Datasheet
65Kb / 7P
   Complementary 30-V (D-S) MOSFET
Rev. B, 05-Aug-02
SI1539DL VISHAY-SI1539DL Datasheet
67Kb / 7P
   Complementary 30-V (D-S) MOSFET
Rev. B, 12-Aug-02
logo
Guangdong Kexin Industr...
KI1539DL KEXIN-KI1539DL Datasheet
55Kb / 2P
   Complementary 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI1539DL VISHAY-SI1539DL_08 Datasheet
88Kb / 8P
   Complementary 30-V (D-S) MOSFET
S-21374-Rev. B, 12-Aug-02
SI7501DN-T1-E3 VISHAY-SI7501DN-T1-E3 Datasheet
565Kb / 15P
   Complementary 30-V (D-S) MOSFET
Rev. D, 07-Jul-08
SI5504DC VISHAY-SI5504DC_V01 Datasheet
125Kb / 8P
   Complementary 30 V (D-S) MOSFET
18-Jul-08
SI7501DN VISHAY-SI7501DN Datasheet
120Kb / 9P
   Complementary 30-V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com