Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI91842DT-20-T1 Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SI91842DT-20-T1
Descripción Electrónicos  150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91842DT-20-T1 Datasheet(HTML) 6 Page - Vishay Siliconix

  SI91842DT-20-T1 Datasheet HTML 1Page - Vishay Siliconix SI91842DT-20-T1 Datasheet HTML 2Page - Vishay Siliconix SI91842DT-20-T1 Datasheet HTML 3Page - Vishay Siliconix SI91842DT-20-T1 Datasheet HTML 4Page - Vishay Siliconix SI91842DT-20-T1 Datasheet HTML 5Page - Vishay Siliconix SI91842DT-20-T1 Datasheet HTML 6Page - Vishay Siliconix SI91842DT-20-T1 Datasheet HTML 7Page - Vishay Siliconix SI91842DT-20-T1 Datasheet HTML 8Page - Vishay Siliconix SI91842DT-20-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Si91842/4
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 71732
S-20478—Rev. C, 01-Apr-02
TYPICAL CHARACTERISTICS (INTERNALLY REGULATED, 25_C UNLESS NOTED)
0
50
100
150
200
250
300
350
0
60
120
180
240
300
Dropout Voltage vs. Load Current
ILOAD (mA)
0
50
100
150
200
250
300
350
–50
–25
0
25
50
75
100
125
150
Dropout Voltage vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
123
456
VIN – VOUT Transfer Characteristic
VIN (V)
Junction Temperature (
_C)
0
50
100
150
200
250
300
350
400
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Dropout Voltage vs. VOUT
VOUT
IOUT = 0 mA
IOUT = 150 mA
IOUT = 10 mA
IOUT = 75 mA
VOUT = 3.0 V
VOUT = 3.0 V
VOUT = 3.0 V
IOUT = 10 mA
IOUT = 75 mA
IOUT = 150 mA
IOUT = 300 mA
IOUT = 300 mA


Número de pieza similar - SI91842DT-20-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-18-T1 VISHAY-SI91841DT-18-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-20-T1 VISHAY-SI91841DT-20-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-22-T1 VISHAY-SI91841DT-22-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-25-T1 VISHAY-SI91841DT-25-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
More results

Descripción similar - SI91842DT-20-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. B, 29-Mar-04
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com