Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM626HRR Datasheet(PDF) 1 Page - Micro Electronics

No. de pieza SM626HRR
Descripción Electrónicos  SWITCHING REGULATOR POWER OUTPUT STAGES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRO-ELECTRONICS [Micro Electronics]
Página de inicio  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

SM626HRR Datasheet(HTML) 1 Page - Micro Electronics

  SM626HRR Datasheet HTML 1Page - Micro Electronics SM626HRR Datasheet HTML 2Page - Micro Electronics SM626HRR Datasheet HTML 3Page - Micro Electronics SM626HRR Datasheet HTML 4Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SM625/SM626/SM627
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞ FAX: (714) 893-2570
FEATURES
••••• Equivalent to the Unitrode PIC 625, 626, 627
••••• 15A current capability
••••• Designed and characterized for switching regulator
applications such as Buck, Boost, and Buck-Boost
type
••••• Cost saving design reduces size, improves efficiency,
reduces noise and RFI
••••• High operating frequency (to > 100KHz) results in
smaller inductor-capacitor filter and improved power
supply response time
••••• High operating efficiency at 7A typical performance -
Rise and fall time < 300ns
Efficiency > 85%
••••• Electrically isolated, 4-pin, TO-66 hermetic case
HIGH RELIABILITY FEATURES
♦ Available with high reliability processing
DESCRIPTION
The SM625/626/627 series of Power Output Stages are espe-
cially designed to be driven with standard PWM integrated
circuits to form an efficient switching power supply. The SM625,
SM626 and SM627 are optimized for non-isolated Buck and
Buck-Boost application. The hybrid circuit construction utilizes
thick film resistors on a beryllia substrate for maximum thermal
conductivity and resultant low thermal impedance. All of the
active elements in the hybrid are fully passivated.
FUNCTIONAL DIAGRAM
SM625/SM626/SM627
SWITCHING REGULATOR POWER OUTPUT STAGES


Número de pieza similar - SM626HRR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MIC GROUP RECTIFIERS
SM62 MIC-SM62 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
SM6201 SECOS-SM6201 Datasheet
1Mb / 8P
   Voltage Regula tor
SM620D SECOS-SM620D Datasheet
295Kb / 2P
   6.0AMP Surface Mount Schottky Barrier Rectifiers
SM620D SECOS-SM620D_15 Datasheet
272Kb / 2P
   6.0Amp. Schottky Barrier Rectifiers
logo
Silicon Motion Technolo...
SM621 SILICONMOTION-SM621 Datasheet
2Mb / 2P
   Single-Chip SSD
202106
More results

Descripción similar - SM626HRR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
SM601R MICROSEMI-SM601R Datasheet
66Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
SM645 MICROSEMI-SM645 Datasheet
56Kb / 4P
   SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
   Low Power Fast Switching Output Stages
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Rohm
BA6149LS ROHM-BA6149LS Datasheet
146Kb / 2P
   6-OUTPUT SWITCHING REGULATOR
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
Sanken electric
STRS6513 SANKEN-STRS6513 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
logo
Allegro MicroSystems
STRM6511 ALLEGRO-STRM6511 Datasheet
72Kb / 6P
   OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com