Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI91842DT-29-T1 Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SI91842DT-29-T1
Descripción Electrónicos  150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91842DT-29-T1 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI91842DT-29-T1 Datasheet HTML 1Page - Vishay Siliconix SI91842DT-29-T1 Datasheet HTML 2Page - Vishay Siliconix SI91842DT-29-T1 Datasheet HTML 3Page - Vishay Siliconix SI91842DT-29-T1 Datasheet HTML 4Page - Vishay Siliconix SI91842DT-29-T1 Datasheet HTML 5Page - Vishay Siliconix SI91842DT-29-T1 Datasheet HTML 6Page - Vishay Siliconix SI91842DT-29-T1 Datasheet HTML 7Page - Vishay Siliconix SI91842DT-29-T1 Datasheet HTML 8Page - Vishay Siliconix SI91842DT-29-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Si91842/4
Vishay Siliconix
New Product
Document Number: 71732
S-20478—Rev. C, 01-Apr-02
www.vishay.com
5
TYPICAL CHARACTERISTICS (INTERNALLY REGULATED, 25_C UNLESS NOTED)
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
–40
–15
10
35
60
85
Normalized VOUT vs. Temperature
Ambient Temperature (
_C)
0
50
100
150
200
250
300
2
3456
7
No Load GND Pin Current vs. Input Voltage
Input Voltage (V)
IOUT = 0 mA
IOUT = 150 mA
IOUT = 75 mA
–40
_C
85
_C
50
75
100
125
150
0
25
50
75
100
125
150
GND Current vs. Load Current
Load Current (mA)
600
625
650
675
700
725
750
–40
–15
10
35
60
85
Output Short Circuit Current vs. Temperature
85
_C
AmbientTemperature (
_C)
25
_C
–80
–60
–40
–20
0
10
100
1000
10000
100000
1000000
Power Supply Rejection
Frequency (Hz)
CIN = 1 mF
COUT = 1 mF
ILOAD = 150 mA
VOUT = 3.0 V
–0.75
–0.60
–0.45
–0.30
–0.15
0.00
0.15
0.30
0
25
50
75
100
125
150
Normalized Output Voltage vs. Load Current
Load Current (mA)
VOUT = 2.6 V
VIN = VOUT(nom) + 1 V
VOUT = 3.0 V
VIN = 4.0 V
VIN = VOUT(nom) + 1 V
25
_C
–40
_C


Número de pieza similar - SI91842DT-29-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-18-T1 VISHAY-SI91841DT-18-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-20-T1 VISHAY-SI91841DT-20-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-22-T1 VISHAY-SI91841DT-22-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-25-T1 VISHAY-SI91841DT-25-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
More results

Descripción similar - SI91842DT-29-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. B, 29-Mar-04
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com