Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1218F Datasheet(PDF) 11 Page - Toshiba Semiconductor

No. de pieza TA1218F
Descripción Electrónicos  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1218F Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TA1218F Datasheet HTML 7Page - Toshiba Semiconductor TA1218F Datasheet HTML 8Page - Toshiba Semiconductor TA1218F Datasheet HTML 9Page - Toshiba Semiconductor TA1218F Datasheet HTML 10Page - Toshiba Semiconductor TA1218F Datasheet HTML 11Page - Toshiba Semiconductor TA1218F Datasheet HTML 12Page - Toshiba Semiconductor TA1218F Datasheet HTML 13Page - Toshiba Semiconductor TA1218F Datasheet HTML 14Page - Toshiba Semiconductor TA1218F Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TA1218N/F
2000-09-11
11/40
Pin
No.
Name
Function
Interface
26
(24)
Sync out
This pin is for output a
self-diagnostic sync signal. The
signal separated from VinTV VinV1,
VinV2, Y/VinS1, Vout1, Vout2, Yout,
or Cout is outputted from this pin. In
addition, the signal derived from
Lout1, Rout1, Lout2, or Rout2 is also
output from this pin for use in audio
block diagnosis.
This is an open-collector output.
Make sure that the current flowing
into this pin is 2.0 mA or less.
27
(25)
Address
This is for an I
2
C bus slave address
select switch. The threshold level of
this pin is 2.25 V. The following lists
the addresses :
High : 92H (write), 93H (read)
Low : 90H (write), 91H (read)
28
(26)
VinV2
This pin is for input a composite
video signal from an external source
(V2 channel). This pin can also be
used for PIP signal input. The signal
fed into this pin is presented to
Vout1, Vout2, Yout, and Cout. The
same signal is also output from Det
Select as a sync separation signal.
The input dynamic range of this pin
is 2.0 Vp-p and the input resistance is
30 k
Ω.
29
(27)
LinV2
This pin is for input a left audio
signal from an external source (V2
channel). This pin can also be used
for PIP signal input. The signal fed
into this pin is presented to Lout1
and Lout2.
The input dynamic range of this pin
is 6.5 Vp-p and the input resistance is
70 k
Ω.
26
<Det in>
<Sound>
Output select
SW
(24)
60 k
27
Address
select SW
(25)
<Vout1>
<Yout>
<Cout>
1.5 k
28
<Vout2>
1.5 k
<Det Select>
1.5 k
(26)
<Lout1>
1.5 k
29
<Lout2>
1.5 k
(27)


Número de pieza similar - TA1218F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1218A TAI-SAW-TA1218A Datasheet
162Kb / 8P
   SAW Filter 2436MHz
TA1218A TAI-SAW-TA1218A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1218A GOLLEDGE-TA1218A Datasheet
231Kb / 6P
   SAW Filter 2436.0MHz
logo
Toshiba Semiconductor
TA1218ANG TOSHIBA-TA1218ANG Datasheet
985Kb / 40P
   Audio/Video Switching IC for TVs
logo
TAI-SAW TECHNOLOGY CO.,...
TA1218D TAI-SAW-TA1218D Datasheet
239Kb / 8P
   SAW Filter 2436 MHz
More results

Descripción similar - TA1218F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com