Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA2159F Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TA2159F
Descripción Electrónicos  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2159F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA2159F Datasheet HTML 4Page - Toshiba Semiconductor TA2159F Datasheet HTML 5Page - Toshiba Semiconductor TA2159F Datasheet HTML 6Page - Toshiba Semiconductor TA2159F Datasheet HTML 7Page - Toshiba Semiconductor TA2159F Datasheet HTML 8Page - Toshiba Semiconductor TA2159F Datasheet HTML 9Page - Toshiba Semiconductor TA2159F Datasheet HTML 10Page - Toshiba Semiconductor TA2159F Datasheet HTML 11Page - Toshiba Semiconductor TA2159F Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TA2159F
2002-10-03
8
PIN
No.
Symbol
Pin Name
Function and Operation
Remarks
UART/3BUS
UART 3BUS
switching
input
When BUS dis
= Low, inputs 3BUS
selection signal. Because output is High
at sleep mode, input High through pullup
resistor.
3BUS
= Inputs Low.
UART
= Inputs High.
12
TEL key
TEL input key
When BUS dis = High, this key is the TEL
input key. Every time this key falls to Low
level, pin 15 (TEL/RADIO) output is set to
Low
® High ® Low, and soon. When
TEL/RADIO = Low, turns off the radio;
when High, turns on the radio.
When not using the TEL key, leave the
pin open. When SLEEP
= Low, output is
set to Low (pull-up off).
14
Beep
Beep output
Searches for the station when the
UP-SEARCH key is pressed at
no-transmission mode. If a station is not
detected after a whole search or an
automatic preset scan, outputs a beep.
MONO/ST
MONO
/STREO
control output
Directly connected to pin 47 (LPF1) of the
tuner block. Controls output and forced
mono according to the BUS data.
STREO
= Input mode (open)
MONO
= Outputs Low.
15
TEL/RADIO
TEL/RADIO
status output
When BUS dis
= H, switches output from
Low to High every pin 12 (TEL key) input.
Radio
= Outputs High.
TEL
= Outputs Low (radio off).
16
MUTE
Muting output
mode
Output mode, normally used for muting
control signal output.
The signal is used as IF count ON/OFF
signal in tuner block and MUTE signal.
17
TEST2
Test mode
control input
Input pin used for controlling TEST mode.
“H” (high) level indicates TEST mode,
while “L” (low) indicates normal operation.
Since a pull-down resistor is built into the
pin, at normal operation, leave the pin
open or set it to Low.
16
VDD
RIN2
17
VDD
15
14
12


Número de pieza similar - TA2159F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA2151FN TOSHIBA-TA2151FN Datasheet
150Kb / 10P
   RF Amplifier for Digital Servo CD System
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
   RF Amplifier for Digital Servo CD System
logo
TAI-SAW TECHNOLOGY CO.,...
TA2154A TAI-SAW-TA2154A Datasheet
669Kb / 7P
   SAW Filter 1588.655 MHz (BW 34.47Hz) SMD 1.1x0.9x0.5mm
More results

Descripción similar - TA2159F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com