Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC12-11GWA Datasheet(PDF) 3 Page - Kingbright Corporation

No. de pieza TC12-11GWA
Descripción Electrónicos  30 MM 5 X 7 DOT MATRIX DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TC12-11GWA Datasheet(HTML) 3 Page - Kingbright Corporation

  TC12-11GWA Datasheet HTML 1Page - Kingbright Corporation TC12-11GWA Datasheet HTML 2Page - Kingbright Corporation TC12-11GWA Datasheet HTML 3Page - Kingbright Corporation TC12-11GWA Datasheet HTML 4Page - Kingbright Corporation TC12-11GWA Datasheet HTML 5Page - Kingbright Corporation TC12-11GWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: CDA0875
REV NO: V.1
DATE: NOV/18/2001
PAGE: 3 OF 6
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change whitout notice.
Selection Guide
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
D
)
d
c
u
(
v
I)
d
c
u
(
v
I
)
d
c
u
(
v
I
)
d
c
u
(
v
I)
d
c
u
(
v
I
A
m
0
1
@
n
o
it
p
ir
c
s
e
Dn
o
it
p
ir
c
s
e
D
n
o
it
p
ir
c
s
e
D
n
o
it
p
ir
c
s
e
Dn
o
it
p
ir
c
s
e
D
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
Mp
y
Tp
y
T p
y
T p
y
Tp
y
T
A
W
E
1
1
-
2
1
A
T
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H0
0
0
30
0
0
8
e
d
o
n
A
n
m
u
l
o
C
A
W
E
1
1
-
2
1
C
T
e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
G
1
1
-
2
1
A
T
)
P
a
G
(
N
E
E
R
G0
0
0
30
0
5
0
1
e
d
o
n
A
n
m
u
l
o
C
A
W
G
1
1
-
2
1
C
T
e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
Y
1
1
-
2
1
A
T
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y0
0
9
10
0
7
4
e
d
o
n
A
n
m
u
l
o
C
A
W
Y
1
1
-
2
1
C
T
e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
R
S
1
1
-
2
1
A
T
)
s
A
l
A
a
G
(
D
E
R
T
H
G
I
R
B
R
E
P
U
S0
0
0
80
0
0
4
2
e
d
o
n
A
n
m
u
l
o
C
A
W
R
S
1
1
-
2
1
C
T
e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
G
E
1
1
-
2
1
A
B
T
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
)
P
a
G
(
N
E
E
R
G
0
0
0
30
0
0
8e
d
o
n
A
n
m
u
l
o
C
A
W
G
E
1
1
-
2
1
C
B
T
0
0
0
30
0
5
0
1e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
G
E
2
1
-
2
1
A
B
T
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
)
P
a
G
(
N
E
E
R
G
0
0
0
30
0
0
8e
d
o
n
A
n
m
u
l
o
C
A
W
G
E
2
1
-
2
1
C
B
T
0
0
0
30
0
5
0
1e
d
o
h
t
a
C
n
m
u
l
o
C
A
W
G
E
2
2
-
2
1
A
B
T
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
)
P
a
G
(
N
E
E
R
G
0
0
0
30
0
0
8e
d
o
n
A
n
m
u
l
o
C
A
W
G
E
2
2
-
2
1
C
B
T
0
0
0
30
0
5
0
1e
d
o
h
t
a
C
n
m
u
l
o
C


Número de pieza similar - TC12-11GWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
TC12-11GWA KINGBRIGHT-TC12-11GWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
More results

Descripción similar - TC12-11GWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TX24 KINGBRIGHT-TX24 Datasheet
217Kb / 6P
   60.8 MM 5 X 8 DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
logo
List of Unclassifed Man...
TA20-11 ETC-TA20-11 Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Rohm
LM-2035 ROHM-LM-2035 Datasheet
65Kb / 3P
   5 x 7 matrix displays
logo
Kingbright Corporation
TBA30-12EGWA KINGBRIGHT-TBA30-12EGWA Datasheet
131Kb / 3P
   76.2mm (3.0 INCH) 5 X 7 MULTICORLOR DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-450X HP-HDSP-450X Datasheet
93Kb / 8P
   Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com