Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE7047-10 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

No. de pieza PE7047-10
Descripción Electrónicos  10 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7047-10 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7047-10_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7047-10_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7047-10_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7047-10_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
10 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body Rated to 2 Watts Up to 12.4 GHz from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body Rated to 2 Watts
Up to 12.4 GHz
PE7047-10
URL:
http://www.pasternack.com/10db-fixed-n-male-n-female-2-watts-attenuator-pe7047-10-p.aspx
PE7047-10 REV 1.1
RF Fixed Attenuators Technical Data Sheet
PE7047-10
10 dB Fixed Attenuator, N Male to N Female Passivated
Stainless Steel Body Rated to 2 Watts Up to 12.4 GHz


Número de pieza similar - PE7047-10_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7047-10 PASTERNACK-PE7047-10 Datasheet
219Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
More results

Descripción similar - PE7047-10_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7004-10 PASTERNACK-PE7004-10_16 Datasheet
241Kb / 4P
   10 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-6 PASTERNACK-PE7004-6_16 Datasheet
241Kb / 4P
   6 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-12 PASTERNACK-PE7004-12_16 Datasheet
241Kb / 4P
   12 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-7 PASTERNACK-PE7047-7_16 Datasheet
231Kb / 4P
   7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-40 PASTERNACK-PE7047-40_16 Datasheet
231Kb / 4P
   40 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-4 PASTERNACK-PE7004-4_16 Datasheet
241Kb / 4P
   4 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-9 PASTERNACK-PE7004-9_16 Datasheet
241Kb / 4P
   9 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-30 PASTERNACK-PE7047-30_16 Datasheet
231Kb / 4P
   30 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-2 PASTERNACK-PE7004-2_16 Datasheet
241Kb / 4P
   2 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-7 PASTERNACK-PE7004-7_16 Datasheet
240Kb / 4P
   7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com