Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE7047-12 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE7047-12
Descripción Electrónicos  12 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7047-12 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7047-12_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7047-12_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7047-12_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7047-12_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• Bidirectional
• DC to 12.4 GHz Frequency Range
• Attenuation 12±0.5 dB
• Max Power 2 Watts (CW)
• VSWR < 1.25:1
Applications
• Instrumentation
• Precision measurements
• Prototyping and characterization
• Production systems
.
Description
Pasternack carries a wide range of fixed attenuators with a broad selection of attenuation levels, frequency ranges, and power
dissipation ranges. RF microwave attenuators (also known as RF pads) lower the amplitude of a signal (attenuate) a known
amount and can be used in a wide variety of applications. These attenuator pads are used when a signal needs to be reduced
to protect measurement equipment or other circuitry, to extend the range of power meters and amplifiers, and to impedance
match circuits by reducing the VSWR seen by adjacent components. RF attenuators can prevent signal overload in amplifiers,
receivers and detectors, adjusting the signal level to a range that is optimal.
Few RF components are as commonly used as fixed coaxial attenuators, and Pasternack carries one of the largest in-stock
varieties and ships them same day. The 12 dB Fixed Attenuator PE7047-12 is rated to 2 Watts and operates from DC to 12.4
GHz. The versatile coaxial package uses N male to N female connectors and is also REACH and RoHS compliant.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
Impedance
50
Ohms
Nominal Attenuation
12
dB
Attenuation Accuracy
±0.5
dB
VSWR
1.25:1
Input Power, CW
2
Watts
derated linearly to 0.5W at +125°C
Input Power, Peak
250
Watts
5µs
pulse, 0.05% duty cycle
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 12 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body Rated to
2 Watts Up to 12.4 GHz
PE7047-12
PE7047-12 REV 1.1
12 dB Fixed Attenuator, N Male to N Female Passivated
Stainless Steel Body Rated to 2 Watts Up to 12.4 GHz
RF Fixed Attenuators Technical Data Sheet
PE7047-12


Número de pieza similar - PE7047-12_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7047-12 PASTERNACK-PE7047-12 Datasheet
219Kb / 3P
   12 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
More results

Descripción similar - PE7047-12_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7004-12 PASTERNACK-PE7004-12_16 Datasheet
241Kb / 4P
   12 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-6 PASTERNACK-PE7004-6_16 Datasheet
241Kb / 4P
   6 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-7 PASTERNACK-PE7047-7_16 Datasheet
231Kb / 4P
   7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-40 PASTERNACK-PE7047-40_16 Datasheet
231Kb / 4P
   40 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-4 PASTERNACK-PE7004-4_16 Datasheet
241Kb / 4P
   4 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-9 PASTERNACK-PE7004-9_16 Datasheet
241Kb / 4P
   9 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-30 PASTERNACK-PE7047-30_16 Datasheet
231Kb / 4P
   30 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-2 PASTERNACK-PE7004-2_16 Datasheet
241Kb / 4P
   2 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-7 PASTERNACK-PE7004-7_16 Datasheet
240Kb / 4P
   7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-8 PASTERNACK-PE7004-8_16 Datasheet
241Kb / 4P
   8 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com