Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLG46200 Datasheet(PDF) 20 Page - Dialog Semiconductor

No. de pieza SLG46200
Descripción Electrónicos  GreenPAK Programmable Mixed Signal Array
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 16Page - Dialog Semiconductor SLG46200 Datasheet HTML 17Page - Dialog Semiconductor SLG46200 Datasheet HTML 18Page - Dialog Semiconductor SLG46200 Datasheet HTML 19Page - Dialog Semiconductor SLG46200 Datasheet HTML 20Page - Dialog Semiconductor SLG46200 Datasheet HTML 21Page - Dialog Semiconductor SLG46200 Datasheet HTML 22Page - Dialog Semiconductor SLG46200 Datasheet HTML 23Page - Dialog Semiconductor SLG46200 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
000-0046200-124
Page 15 of 64
SLG46200
8.4 DCMP1 Functional Diagram
8.5 DCMP0 & DCMP1 Register Settings
Figure 4. DCMP1 Functional Diagram
Table 7. DCMP0 & DCMP1 Register Settings
Signal Function
Register Bit
Address
Register Definition
DCMP IN- Selection
Control
<318>
0: reg<400:399> for DCMP0, reg<404:403> for DCMP1
1: from Connection Matrix Out <11:10>
DCMP IN- Input Signal
<382:375>
00000000 to 11111111: User defined 8-bit signal input
Register0 for DCMP0 and Register2 for DCMP1
DCMP IN- Input Signal
<390:383>
00000000 to 11111111: User defined 8-bit signal input
Register1 for DCMP0 and Register0 for DCMP1
DCMP IN- Input Signal
<398:391>
00000000 to 11111111: User defined 8-bit signal input
Register2 for DCMP0 and Register1 for DCMP1
DCMP0 IN- Input
Selection from reg<318>
<400:399>
00: From S2P<15:8>
01: From reg<382:375>
10: From reg<390:383>
11: From reg<398:391>
DCMP0 IN+ Input
Selection
<401>
0: From S2P<7:0>
1: From ADC Output
DCMP0 & DCMP1
Power Down
<402>
0: Power down mode
1: Power on mode
DCMP1 IN- Input
Selection from reg<318>
<404:403>
00: From S2P<7:0>
01: From reg<390:383>
10: From reg<398:391>
11: From reg<382:375>
DCMP1 IN+ Input
Selection
<405>
0: From S2P<15:8>
1: From ADC Output
1
0
S2P <15:8>
reg <405>
ADC
8-bit comparator
IN-
IN+
01
00
S2P <7:0>
reg <382:375>
11
10
reg <390:383>
reg <398:391>
1
0
reg <404:403>
Connection Matrix output <11:10>
reg <318>
To Connection Matrix input <24>
To Connection Matrix input <26>
EQ
OUT
in
ip
DCMP1
reg <402>
Power On Select
0 = Power Down
1=PowerOn
To PWM in <3>
in_out
<1:0>
8
8
2
MTRX SEL#<1:0>
CLK4PWM


Número de pieza similar - SLG46200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200V RENESAS-SLG46200V Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200VTR RENESAS-SLG46200VTR Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
More results

Descripción similar - SLG46200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
   GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com