Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLG46400 Datasheet(PDF) 69 Page - Dialog Semiconductor

No. de pieza SLG46400
Descripción Electrónicos  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 Datasheet(HTML) 69 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 65Page - Dialog Semiconductor SLG46400 Datasheet HTML 66Page - Dialog Semiconductor SLG46400 Datasheet HTML 67Page - Dialog Semiconductor SLG46400 Datasheet HTML 68Page - Dialog Semiconductor SLG46400 Datasheet HTML 69Page - Dialog Semiconductor SLG46400 Datasheet HTML 70Page - Dialog Semiconductor SLG46400 Datasheet HTML 71Page - Dialog Semiconductor SLG46400 Datasheet HTML 72Page - Dialog Semiconductor SLG46400 Datasheet HTML 73Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 95 page
background image
000-0046400-109
Page 63 of 89
SLG46400
19.0 Digital Storage Elements (DFFs/LATCHes)
There are four DFF/LATCHes logic cells within the SLG46400 available for design. The source and destination of the inputs and
outputs for the three DFF/LATCHes are configured from the connection matrix.
The operation of the D Flip-Flop and Latch will following the functional descriptions below:
DFF: CK is rising edge triggered, then Q = D; otherwise Q will not change
LATCH: if CK = 0, then Q = D
if CK = 1, then Q will not change
For DFF/LATCH 0, matrix out1 will control the Reset and Set functions (Active Low) that are controlled from reg<531>. For
DFF/LATCH 1, matrix out18 will control the Reset and Set functions (Active Low) that are controlled from reg<533>.
19.1 DFF/LATCH Functional Diagram
Figure 37. DFF/LATCH Functional Diagram
DFF/
LATCH0
CK
D
To Connection
Matrix input <12>
Q
reg <530>
From Connection
Matrix output <37>
From Connection
Matrix output <38>
DFF/
LATCH2
CK
D
reg <534>
From Connection
Matrix output <41>
From Connection
Matrix output <42>
DFF/
LATCH1
CK
D
reg <532>
From Connection
Matrix output <39>
From Connection
Matrix output <40>
DFF/
LATCH3
CK
D
reg <535>
From Connection
Matrix output <43>
From Connection
Matrix output <54>
1
0
From Connection
Matrx Output <1>
1
0
reg <531>
nRESET
nSET
1
0
From Connection
Matrx Output <18>
1
0
reg <533>
nRESET
nSET
To Connection
Matrix input <52>
nQ
To Connection
Matrix input <13>
Q
To Connection
Matrix input <53>
nQ
To Connection
Matrix input <14>
Q
To Connection
Matrix input <52>
nQ
To Connection
Matrix input <15>
Q
To Connection
Matrix input <55>
nQ


Número de pieza similar - SLG46400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

Descripción similar - SLG46400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com