Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SLG46531 Datasheet(PDF) 64 Page - Dialog Semiconductor |
|
SLG46531 Datasheet(HTML) 64 Page - Dialog Semiconductor |
64 / 170 page SLG46531_DS_109 Page 63 of 169 SLG46531 9.6 3-Bit LUT or Pipe Delay Macrocell There is one macrocell that can serve as either a 3-bit LUT or as a Pipe Delay. When used to implement LUT functions, the 3-bit LUT take in three input signals from the connection matrix and produces a single output, which goes back into the connection matrix. When used as a pipe delay, there are three inputs signals from the matrix, Input (IN), Clock (CLK) and Reset (RST). The pipe delay cell is built from 16 D Flip-Flop logic cells that provide the three output options, two of which are user selectable. The DFF cells are tied in series where the output (Q) of each delay cell goes to the next DFF cell. The first delay option (OUT2) is fixed at the output of the first flip-flop stage. The other two outputs (OUT0 and OUT1) provide user selectable options for 1 – 16 stages of delay There are delay output points for each set of the OUT0 and OUT1 outputs to a 16-input mux that is controlled by reg <1259:1256> for OUT0 and reg <1263:1260> for OUT1. The 16-input mux is used to select the amount of delay. The overall time of the delay is based on the clock used in the SLG46531 design. Each DFF cell has a time delay of the inverse of the clock time (either external clock or the RC Oscillator within the SLG46531). The sum of the number of DFF cells used will be the total time delay of the Pipe Delay logic cell. Note: CLK is rising edge triggered. Figure 22. 3-bit LUT10 or Pipe Delay 3-bit LUT10 OUT IN1 IN0 From Connection Matrix Output <98> From Connection Matrix Output <99> IN2 From Connection Matrix Output <100> 16 Flip flop Block nRST IN CLK From Connection Matrix Output <98> From Connection Matrix Output <99> From Connection Matrix Output <100> reg <1263:1260> reg <1259:1256> To Connection Matrix Input<26> To Connection Matrix Input <25> OUT1 OUT0 reg <1271> To Connection Matrix Input <24> OUT2 S0 S1 S0 S1 LUT Truth Table reg <1263:1256> reg <1270> |
Número de pieza similar - SLG46531 |
|
Descripción similar - SLG46531 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |