Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLG46531 Datasheet(PDF) 22 Page - Dialog Semiconductor

No. de pieza SLG46531
Descripción Electrónicos  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46531 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button SLG46531 Datasheet HTML 18Page - Dialog Semiconductor SLG46531 Datasheet HTML 19Page - Dialog Semiconductor SLG46531 Datasheet HTML 20Page - Dialog Semiconductor SLG46531 Datasheet HTML 21Page - Dialog Semiconductor SLG46531 Datasheet HTML 22Page - Dialog Semiconductor SLG46531 Datasheet HTML 23Page - Dialog Semiconductor SLG46531 Datasheet HTML 24Page - Dialog Semiconductor SLG46531 Datasheet HTML 25Page - Dialog Semiconductor SLG46531 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 170 page
background image
SLG46531_DS_109
Page 21 of 169
SLG46531
90
0.75
±4.98
0.75
±4.89
0.75
±4.81
100
0.71
±5.64
0.71
±5.52
0.71
±5.44
110
0.67
±5.45
0.67
±5.33
0.67
±5.29
120
0.64
±6.73
0.64
±6.59
0.64
±6.55
130
0.60
±7.00
0.60
±6.88
0.60
±6.84
140
0.56
±6.25
0.56
±6.06
0.56
±6.02
150
0.53
±6.65
0.53
±6.51
0.53
±6.45
160
0.49
±9.29
0.49
±9.12
0.49
±9.08
170
0.46
±7.64
0.46
±7.27
0.46
±7.31
180
0.42
±10.28
0.42
±10.03
0.42
±9.98
Table 20. TS Output vs Temperature, with buffer (output range 2)
T, °C
VDD = 1.8 V
VDD = 3.3 V
VDD = 5.0 V
Typical, V
Accuracy, %
Typical, V
Accuracy, %
Typical, V
Accuracy, %
-40
0.99
±3.29
0.99
±3.28
0.99
±3.28
-30
0.96
±3.33
0.96
±3.24
0.96
±3.31
-20
0.93
±3.37
0.93
±3.30
0.93
±3.34
-10
0.90
±3.46
0.90
±3.39
0.90
±3.40
0
0.87
±3.45
0.87
±3.39
0.87
±3.40
10
0.85
±3.62
0.85
±3.51
0.85
±3.53
20
0.82
±3.66
0.82
±3.58
0.82
±3.53
30
0.79
±3.93
0.79
±3.81
0.79
±3.80
40
0.76
±3.71
0.76
±3.65
0.76
±3.62
50
0.73
±3.97
0.73
±3.90
0.73
±3.91
60
0.70
±4.02
0.70
±3.97
0.70
±4.00
70
0.67
±4.22
0.67
±4.13
0.67
±4.08
80
0.64
±4.38
0.64
±4.29
0.64
±4.26
90
0.61
±4.89
0.61
±4.88
0.61
±4.77
100
0.59
±5.60
0.59
±5.53
0.59
±5.43
110
0.56
±5.42
0.56
±5.29
0.56
±5.23
120
0.53
±6.72
0.53
±6.59
0.53
±6.59
130
0.50
±7.05
0.50
±6.92
0.50
±6.87
140
0.46
±6.24
0.46
±6.04
0.46
±6.04
150
0.43
±6.68
0.43
±6.44
0.43
±6.46
160
0.41
±9.32
0.41
±9.12
0.41
±9.00
170
0.38
±7.55
0.38
±7.21
0.38
±7.34
180
0.35
±10.24
0.35
±10.08
0.35
±9.98
Table 19. TS Output vs Temperature, with buffer (output range 1)
T, °C
VDD = 1.8 V
VDD = 3.3 V
VDD = 5.0 V
Typical, V
Accuracy, %
Typical, V
Accuracy, %
Typical, V
Accuracy, %


Número de pieza similar - SLG46531

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46531V RENESAS-SLG46531V Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46531VTR RENESAS-SLG46531VTR Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
More results

Descripción similar - SLG46531

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com