Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLG46535 Datasheet(PDF) 9 Page - Dialog Semiconductor

No. de pieza SLG46535
Descripción Electrónicos  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46535 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button SLG46535 Datasheet HTML 5Page - Dialog Semiconductor SLG46535 Datasheet HTML 6Page - Dialog Semiconductor SLG46535 Datasheet HTML 7Page - Dialog Semiconductor SLG46535 Datasheet HTML 8Page - Dialog Semiconductor SLG46535 Datasheet HTML 9Page - Dialog Semiconductor SLG46535 Datasheet HTML 10Page - Dialog Semiconductor SLG46535 Datasheet HTML 11Page - Dialog Semiconductor SLG46535 Datasheet HTML 12Page - Dialog Semiconductor SLG46535 Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 185 page
background image
SLG46535_DS_106
Page 8 of 184
SLG46535
5.3 Electrical Characteristics (3.3 V ±10% VDD)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage Pin 1
VDD2 ≤ VDD
3.0
3.3
3.6
V
IQ
Quiescent Current
Static Inputs and Outputs
--
0.81
--
A
TA
Operating Temperature
-40
25
85
°C
VPP
Programming Voltage
7.25
7.50
7.75
V
VACMP
ACMP Input Voltage Range
Positive Input
0
--
VDD
V
Negative Input
0
--
1.2
V
VIH
HIGH-Level Input Voltage
PIN 2, 3, 4, 5, 6, 7, 8
Logic Input
1.81
--
VDD
V
Logic Input with Schmitt Trigger
2.14
--
VDD
V
Low-Level Logic Input
1.06
--
VDD
V
VIL
LOW-Level Input Voltage
PIN 2, 3, 4, 5, 6, 7, 8
Logic Input
0
--
1.31
V
Logic Input with Schmitt Trigger
0
--
0.97
V
Low-Level Logic Input
0
--
0.67
V
VHYS
Schmitt Trigger Hysteresis
Voltage
PIN 2, 3, 4, 5, 6, 7, 8
Logic Input with Schmitt Trigger
0.29
0.62
0.94
V
ILGK
Input leakage
(Absolute Value)
PIN 2, 3, 4, 5, 6, 7, 8
--
1
1000
nA
VOH
HIGH-Level Output Voltage
PIN 2, 3, 4, 5, 6, 7, 8
Push-Pull, IOH = 3 mA, 1X Drive
2.74
3.12
--
V
PMOS OD, IOH = 3 mA, 1X Drive
2.74
3.12
--
V
Push-Pull, IOH = 3 mA, 2X Drive
2.87
3.21
--
V
PMOS OD, IOH = 3 mA, 2X Drive
2.87
3.21
--
V
VOL
LOW-Level Output Voltage
PIN 2, 3, 4, 5, 6, 7, 8
Push-Pull, IOL= 3 mA, 1X Drive
--
0.13
0.23
V
Push-Pull, IOL = 3 mA, 2X Drive
--
0.06
0.11
V
Open Drain, IOL = 3 mA, 1X Drive
--
0.08
0.15
V
Open Drain, IOL = 3 mA, 2X Drive
--
0.04
0.08
V
Open Drain NMOS 4X,
IOL = 3mA
--
0.02
0.04
V
IOH
HIGH-Level Output Pulse
Current (see Note 1)
PIN 2, 3, 4, 5, 6, 7, 8
Push-Pull, VOH = 2.4 V, 1X Drive
6.05
12.08
--
mA
PMOS OD, VOH = 2.4 V, 1X Drive
6.05
12.08
--
mA
Push-Pull, VOH = 2.4 V, 2X Drive
11.54
24.16
--
mA
PMOS OD, VOH = 2.4 V, 2X Drive
11.52
24.16
--
mA
IOL
LOW-Level Output Pulse
Current (see Note 1)
PIN 2, 3, 4, 5, 6, 7, 8
Push-Pull, VOL = 0.4 V, 1X Drive
4.88
8.24
--
mA
Push-Pull, VOL = 0.4 V, 2X Drive
9.75
16.49
--
mA
Open Drain, VOL = 0.4 V, 1X Drive
7.31
12.37
--
mA
Open Drain, VOL = 0.4 V, 2X Drive
14.54
24.74
--
mA
Open Drain NMOS 4X,
VOL = 0.4 V
31.32
41.06
--
mA
IVDD
Maximum Average or DC
Current Through VDD Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
45
mA
TJ = 110°C
--
--
22
mA


Número de pieza similar - SLG46535

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
SLG46535V RENESAS-SLG46535V Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
SLG46535VTR RENESAS-SLG46535VTR Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
More results

Descripción similar - SLG46535

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46532 DIALOG-SLG46532 Datasheet
2Mb / 184P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com