Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SLG46535 Datasheet(PDF) 97 Page - Dialog Semiconductor |
|
SLG46535 Datasheet(HTML) 97 Page - Dialog Semiconductor |
97 / 185 page SLG46535_DS_106 Page 96 of 184 SLG46535 9.8.8 Difference in Counter Value for Counter, Delay, One-Shot and Frequency Detect Modes There is a difference in counter value for Counter and Delay/One-Shot/Frequency Detect modes. The counter value is shifted for two rising edges of the clock signal in Delay/One-Shot/Frequency Detect modes compared to Counter mode. See Figure 47. 9.9 2-bit LUT or Programmable Pattern Generator The SLG46535 has one combination function macrocell that can serve as a logic or timing function. This macrocell can serve as a Look Up Table (LUT), or Programmable Pattern Generator (PGEN). When used to implement LUT functions, the 2-bit LUT takes in two input signals from the connection matrix and produce a single output, which goes back into the connection matrix. When used as a LUT to implement combinatorial logic functions, the outputs of the LUTs can be configured to any user defined function, including the following standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR). The user can also define the combinatorial relationship between inputs and outputs to be any selectable function. When operating as a Programmable Pattern Generator, the output of the macrocell with clock out a sequence of two to sixteen bits that are user selectable in their bit values, and user selectable in the number of bits (up to sixteen) that are output before the pattern repeats. See figure Figure 49. Figure 47. Counter Value, Counter Data = 3 One-Shot/Freq.SET/Delay IN CLK CNT Out Delay Data One-Shot Out One-Shot Data DLY Out CNT Data 0 3 2 1 0 3 2 3 3 3 2 1 3 3 3 3 3 2 1 3 3 |
Número de pieza similar - SLG46535 |
|
Descripción similar - SLG46535 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |