Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APFA3011-AK13-F Datasheet(PDF) 5 Page - Kingbright Corporation

No. de pieza APFA3011-AK13-F
Descripción Electrónicos  3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APFA3011-AK13-F Datasheet(HTML) 5 Page - Kingbright Corporation

  APFA3011-AK13-F Datasheet HTML 1Page - Kingbright Corporation APFA3011-AK13-F Datasheet HTML 2Page - Kingbright Corporation APFA3011-AK13-F Datasheet HTML 3Page - Kingbright Corporation APFA3011-AK13-F Datasheet HTML 4Page - Kingbright Corporation APFA3011-AK13-F Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAP0829 / 1203015592 Rev No: V.3B Date: 08/17/2017
Page 5 / 5
APFA3011-AK13/F
TECHNICAL DATA
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
PACKING & LABEL SPECIFICATIONS
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
PRECAUTIONARY NOTES
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. Before production usage customer should refer to
the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental and electrical limits specified in the datasheet. If
customer usage exceeds the specified limits, Kingbright will not be responsible for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has special reliability requirements or have life-threatening
liabilities, such as automotive or medical usage, please consult with Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Número de pieza similar - APFA3011-AK13-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HK TO-GRACE TECHNOLOGY ...
APFA3011-AK13-F TO-GRACE-APFA3011-AK13-F Datasheet
1Mb / 5P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
More results

Descripción similar - APFA3011-AK13-F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HK TO-GRACE TECHNOLOGY ...
APFA3010SEKJ3ZGKQBKC TO-GRACE-APFA3010SEKJ3ZGKQBKC Datasheet
971Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APFA3011-AK13-F TO-GRACE-APFA3011-AK13-F Datasheet
1Mb / 5P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
logo
Kingbright Corporation
APFA3010SURKCGKSYKC KINGBRIGHT-APFA3010SURKCGKSYKC Datasheet
345Kb / 7P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APA3010QWF-D-GX TO-GRACE-APA3010QWF-D-GX Datasheet
741Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010SECK-GX TO-GRACE-APA3010SECK-GX Datasheet
814Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
KPA-3010SYCK TO-GRACE-KPA-3010SYCK Datasheet
843Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
logo
Kingbright Corporation
APA3010EC-GX KINGBRIGHT-APA3010EC-GX Datasheet
277Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APFA3010SURKCGKSYKC TO-GRACE-APFA3010SURKCGKSYKC Datasheet
976Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010EC-GX TO-GRACE-APA3010EC-GX Datasheet
782Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010SGC-GX TO-GRACE-APA3010SGC-GX Datasheet
790Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
APA3010SURCK-GX TO-GRACE-APA3010SURCK-GX Datasheet
817Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com