Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3L110 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TS3L110
Descripción Electrónicos  QUAD SPDT HIGH BANDWIDTH 10/100 BASE T LAN SWITCH DIFFERENTIAL 8 CHANNEL TO 4 CHANNEL MULTIPLEXER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS3L110 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3L110 Datasheet HTML 7Page - Texas Instruments TS3L110 Datasheet HTML 8Page - Texas Instruments TS3L110 Datasheet HTML 9Page - Texas Instruments TS3L110 Datasheet HTML 10Page - Texas Instruments TS3L110 Datasheet HTML 11Page - Texas Instruments TS3L110 Datasheet HTML 12Page - Texas Instruments TS3L110 Datasheet HTML 13Page - Texas Instruments TS3L110 Datasheet HTML 14Page - Texas Instruments TS3L110 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TS3L110
QUAD SPDT HIGHBANDWIDTH 10/100 BASET LAN SWITCH
DIFFERENTIAL 8CHANNEL TO 4CHANNEL MULTIPLEXER/DEMULTIPLEXER
SCDS176 − SEPTEMBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Network Analyzer
(HP8753ES)
RL = 100 Ω
EXT TRIGGER
BIAS
P1
P2
DUT
YA
S
E
IA0
VE
VS
VCC
VBIAS
YB
RL = 100 Ω
IB0
50
(see Note B)
CL = 10 pF
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. A 50-
Ω termination resistor is needed to match the loading of the network analyzer.
CL = 10 pF
(see Note A)
Figure 8. Test Circuit for Crosstalk (XTALK)
Crosstalk is measured at the output of the nonadjacent ON channel. For example, when VS = 0,
VE = 0, and YA is the input, the output is measured at IB0. All unused analog input (Y) ports are connected to GND,
and output (I) ports are connected to GND through 50-
Ω pulldown resistors.
HP8753ES setup
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBm


Número de pieza similar - TS3L110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3L110 TI-TS3L110 Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TS3L110D TI-TS3L110D Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TS3L110DBQR TI-TS3L110DBQR Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TS3L110DBQRE4 TI-TS3L110DBQRE4 Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TS3L110DBQRG4 TI-TS3L110DBQRG4 Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
More results

Descripción similar - TS3L110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3L110 TI-TS3L110_10 Datasheet
818Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890_07 Datasheet
175Kb / 17P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
MAX4890 MAXIM-MAX4890 Datasheet
280Kb / 18P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
logo
Allied Components Inter...
AHSC-4002I ALLIED-AHSC-4002I Datasheet
380Kb / 1P
   10/100 Base T Quad Port LAN Filter Module
AHSC-4001S ALLIED-AHSC-4001S Datasheet
688Kb / 2P
   10/100 Base T Quad Port LAN Filter Module
logo
Taoglas antenna solutio...
TM1188NL TAOGLAS-TM1188NL Datasheet
867Kb / 9P
   LAN Transformer 10/100 Base-T
2022-11-08
logo
Bothhand USA, LP.
TS6121LX BOTHHAND-TS6121LX Datasheet
263Kb / 1P
   10/100 BASE-T LAN MAGNETIC
logo
Taoglas antenna solutio...
TM42430ANL TAOGLAS-TM42430ANL Datasheet
860Kb / 9P
   LAN Transformer 10-100 Base-T
2022-11-08
logo
Bothhand USA, LP.
TS6121LM BOTHHAND-TS6121LM Datasheet
268Kb / 1P
   10/100 BASE-T LAN MAGNETICS
TS6121L BOTHHAND-TS6121L Datasheet
264Kb / 1P
   10/100 BASE-T LAN MAGNETICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com